Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-PLNTO/NOPB Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-PLNTO/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-PLNTO/NOPB Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP3907TL-PLNTO/NOPB Datasheet HTML 41Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 42Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 43Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 44Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 45Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 46Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 47Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 48Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0.1
1
10
100
1000
VIN = 2.8V
VIN = 3.6V
VIN = 5.5V
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
0.1
1
10
100
1000
V = 4.5V
IN
V = 5.5V
IN
45
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
TJ-MAX-OP = TA-MAX + (RθJA) [°C/ Watt] × (PD-MAX) [Watts]
(12)
Total device power dissipation PD-MAX is the sum of the individual power dissipation of the four regulators plus a
minor amount for chip overhead. Chip overhead is Bias, TSD, and LDO analog.
PD-MAX = PLDO1 + PLD02 + PBUCK1 + PBUCK2 + (0.0001A × VIN) [Watts].
(13)
Power dissipation of LDO1:
PLDO1 = (VINLDO1 – VOUTLDO1) × IOUTLDO1 [V × A]
(14)
Power dissipation of LDO2:
PLDO2 = (VINLDO2 – VOUTLDO2) × IOUTLDO2 [V × A]
(15)
Power dissipation of Buck1:
PBuck1 = PIN – POUT = VOUTBuck1 × IOUTBuck1 × (1 – η1) / η1 [V × A]
where
•
η1 = efficiency of buck 1
(16)
Power dissipation of Buck2:
PBuck2 = PIN – POUT = VOUTBuck2 × IOUTBuck2 × (1 – η2) / η2 [V × A]
where
•
η2 = efficiency of Buck2
where
•
η is the efficiency for the specific condition taken from efficiency graphs.
(17)
9.2.3 Application Curves
VOUT = 2 V
L= 2.2 µH
Figure 47. Efficiency vs Output Current
(Forced PWM Mode)
VOUT = 2 V
L= 2.2 µH
Figure 48. Efficiency vs Output Current
(PWM-to-PFM Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com