Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TL-PLNTO/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907TL-PLNTO/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TL-PLNTO/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP3907TL-PLNTO/NOPB Datasheet HTML 27Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 28Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 29Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 30Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 31Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 32Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 33Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 34Page - Texas Instruments LP3907TL-PLNTO/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
31
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.6.1.3 EN_DLY Preset Delay Sequence After EN_T Assertion
EN_DLY<2:0>
DELAY (ms)
BUCK1
BUCK2
LDO1
LDO2
000
1
1
1
1
001
1
1.5
2
2
010
1.5
2
3
6
011
1.5
2
1
1
100
1.5
2
3
6
101
1.5
1.5
2
2
110
3
2
1
1.5
111
2
3
6
11
8.6.1.4 Buck and LDO Output Voltage Enable Register (BKLDOEN) – 0x10
This register controls the enables for the Bucks and LDOs.
D7
D6
D5
D4
D3
D2
D1
D0
Name
—
LDO2EN
—
LDO1EN
—
BK2EN
—
BK1EN
Access
—
R/W
—
R/W
—
R/W
—
R/W
Data
Reserved
0 – Disable
1 – Enable
Reserved
0 – Disable
1 – Enable
Reserved
0 – Disable
1 – Enable
Reserved
0 – Disable
1 – Enable
Reset
0
1
1
1
0
1
0
1
8.6.1.5 Buck and LDO Status Register (BKLDOSR) – 0x11
This register monitors whether the Bucks and LDOs meet the voltage output specifications.
D7
D6
D5
D4
D3
D2
D1
D0
Name
BKS_OK
LDOS_OK
LDO2_OK
LDO1_OK
—
BK2_OK
—
BK1_OK
Access
R
R
R
R
—
R
—
R
Data
0 – Buck 1-2
Not Valid
1 – Bucks Valid
0 – LDO 1-2
Not Valid
1 – LDOs Valid
0 – LDO2 Not
Valid
1 – LDO2 Valid
0 – LDO1 Not
Valid
1 – LDO1 Valid
Reserve
d
0 – Buck2 Not
Valid
1 – Buck2 Valid
Reserve
d
0 – Buck1 Not
Valid
1 – Buck1 Valid
Reset
0
0
0
0
0
0
0
0
8.6.1.6 Buck Voltage Change Control Register 1 (VCCR) – 0x20
This register selects and controls the output target voltages for the buck regulators.
D7-6
D5
D4
D3-2
D1
D0
Name
—
B2VS
B2GO
—
B1VS
B1GO
Access
—
R/W
R/W
—
R/W
R/W
Data
Reserved
Buck2 Target Voltage
Select
0 – B2VT1
1 – B2VT2
Buck2 Voltage Ramp
CTRL
0 – Hold
1 – Ramp to B2VS
selection
Reserved
Buck1 Target Voltage
Select
0 – B1VT1
1 – B1VT2
Buck1 Voltage Ramp
CTRL
0 – Hold
1 – Ramp to B1VS
selection
Reset
00
0
0
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com