Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933SL Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933SL
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933SL Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3933SL Datasheet HTML 4Page - National Semiconductor (TI) LP3933SL Datasheet HTML 5Page - National Semiconductor (TI) LP3933SL Datasheet HTML 6Page - National Semiconductor (TI) LP3933SL Datasheet HTML 7Page - National Semiconductor (TI) LP3933SL Datasheet HTML 8Page - National Semiconductor (TI) LP3933SL Datasheet HTML 9Page - National Semiconductor (TI) LP3933SL Datasheet HTML 10Page - National Semiconductor (TI) LP3933SL Datasheet HTML 11Page - National Semiconductor (TI) LP3933SL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SPI Interface (Continued)
20080513
SPI Timing Diagram
SPI Timing Parameters
V
DD1,2 =VDD_IO = 2.775V
Symbol
Parameter
Limit
Units
Min
Max
1
Cycle Time
70
ns
2
Enable Lead Time
35
ns
3
Enable Lag Time
35
ns
4
Clock Low Time
35
ns
5
Clock High Time
35
ns
6
Data Setup Time
0
ns
7
Data Hold Time
20
ns
8
Data Access Time
20
ns
9
Output Disable Time
10
ns
10
Output Data Valid
20
ns
11
Output Data Hold Time
0
ns
12
SS Inactive Time
10
ns
Note: Data guaranteed by design.
Magnetic Boost DC/DC Converter
The LP3933 boost DC/DC Converter generates 4.1V–5.3V supply voltage for the LEDs from single Li-Ion battery (3V…4.5V). The
output voltage is controlled with 8-bit register in 9 steps. The converter is a magnetic switching PWM mode DC/DC converter with
a current limit. The converter has 1 MHz switching frequency when timing resistor RT is 82 K
Ω.
The topology of the magnetic boost converter is called CPM control, current programmed mode, where the inductor current is
measured and controlled with the feedback. The user can program the output voltage of the boost converter. The control changes
the resistor divider in the feedback loop.
The following figure shows the boost topology with the protection circuitry. Three different protection schemes are implemented:
1.
Over voltage protection, limits the maximum output voltage
— Keeps the output below breakdown voltage.
— Prevents boost operation if battery voltage is much higher than desired output.
2.
Over current protection, limits the maximum inductor current
— Voltage over switching NMOS is monitored, too high voltages turn the switch off.
3.
Duty cycle limiting, done with digital control.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com