Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933SL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933SL
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933SL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3933SL Datasheet HTML 1Page - National Semiconductor (TI) LP3933SL Datasheet HTML 2Page - National Semiconductor (TI) LP3933SL Datasheet HTML 3Page - National Semiconductor (TI) LP3933SL Datasheet HTML 4Page - National Semiconductor (TI) LP3933SL Datasheet HTML 5Page - National Semiconductor (TI) LP3933SL Datasheet HTML 6Page - National Semiconductor (TI) LP3933SL Datasheet HTML 7Page - National Semiconductor (TI) LP3933SL Datasheet HTML 8Page - National Semiconductor (TI) LP3933SL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams and Package Mark Information
32-Lead Thin CSP Package, 4.5 x 5.5 x 0.8 mm, 0.5 mm pitch
See NS Package Number SLE32A
20080509
20080507
20080508
Package Mark — TOP VIEW
Note: The actual physical placement of the package marking will vary from part to part. The package marking “XY” designates
the date code. “UZ” and “TT” are NSC internal codes for die manufacturing and assembly traceability. Both will vary considerably.
Ordering Information
Order Number
Package Marking
Supplied As
LP3933SL
LP3933SL
1000 units, Tape-and-Reel
LP3933SLX
LP3933SL
2500 units, Tape-and-Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com