Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933SL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933SL
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933SL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3933SL Datasheet HTML 10Page - National Semiconductor (TI) LP3933SL Datasheet HTML 11Page - National Semiconductor (TI) LP3933SL Datasheet HTML 12Page - National Semiconductor (TI) LP3933SL Datasheet HTML 13Page - National Semiconductor (TI) LP3933SL Datasheet HTML 14Page - National Semiconductor (TI) LP3933SL Datasheet HTML 15Page - National Semiconductor (TI) LP3933SL Datasheet HTML 16Page - National Semiconductor (TI) LP3933SL Datasheet HTML 17Page - National Semiconductor (TI) LP3933SL Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
RGB LED PWM Control (Note 15) (Continued)
RSW1
GSW1
BSW1
RSW2
GSW2
BSW2
Enable for R1 switch
Enable for G1 switch
Enable for B1 switch
Enable for R2 switch
Enable for G2 switch
Enable for B2 switch
RGB_START
Master Switch for both RGB Drivers:
RGB_START = 0
→ RGB OFF
RGB_START = 1
→ RGB ON, starts the new cycle fromt=0
RGB_PWM
RGB_PWM = 0
→ RSW, GWS and BSW control directly the RGB outputs (on/off control only)
RGB_PWM = 1
→ Normal PWM RGB functionality (duty, slope, on/off times, cycle)
EN_FLASH1
EN_FLASH2
Flash Mode enable controls for RGB1 and RGB2. In Flash mode (EN_FLASH = 1) RGB outputs are
PWM controlled simultaneously, not in 3-phase system as in the Normal Mode.
R1_PWM
G1_PWM
B1_PWM
R2_PWM
G2_PWM
B2_PWM
XX_PWM = 0
→ External PWM control from PWM_LED pin is disabled
XX_PWM = 1
→ External PWM control from PWM_LED pin is enabled
Internal PWM control (DUTY) can be used independently of external PWM control. External PWM has
the same effect on all enabled outputs.
PWM_LED input can be used as direct on/off or brightness (PWM) control. If PWM_LED input is not used, it must be tied to VDD_IO.
Note 15: Application Note 1291, “Driving RGB LEDs Using LP3933 Lighting Management System” contains a thorough description of the RGB driver functionality
including programming examples.
WLED Driver (WLED1...4)
White LED (WLED) driver drives each white LED with a
regulated constant current. The amount of the current is
controlled by the 8-bit current mode DAC from 0 to 25.5mA
in 0.1mA steps.
20080527
CLED Driver (CLED1…2)
The current of CLEDs (Caller ID display backlight LEDs) can
be adjusted by 8-bit current mode DAC. WLED and CLED
can be used to drive any kind of LED.
20080504
Enables
WLED and CLED enable is controlled from user register.
PWM control of WLED and CLED (for dimming etc.) is
possible using PWM_LED pin together with WLED_PWM
and CLED_PWM enable control from user register.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com