Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933SL Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933SL
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933SL Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP3933SL Datasheet HTML 10Page - National Semiconductor (TI) LP3933SL Datasheet HTML 11Page - National Semiconductor (TI) LP3933SL Datasheet HTML 12Page - National Semiconductor (TI) LP3933SL Datasheet HTML 13Page - National Semiconductor (TI) LP3933SL Datasheet HTML 14Page - National Semiconductor (TI) LP3933SL Datasheet HTML 15Page - National Semiconductor (TI) LP3933SL Datasheet HTML 16Page - National Semiconductor (TI) LP3933SL Datasheet HTML 17Page - National Semiconductor (TI) LP3933SL Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Recommended External Components (Continued)
List of Recommended External Components
Symbol
Symbol Explanation
Value
Unit
Type
C
VDD1
V
DD1 Bypass Capacitor
100
nF
Ceramic, X7R
C
VDD2
V
DD2 Bypass Capacitor
100
nF
Ceramic, X7R
C
OUT
Output Capacitor from FB to GND
10
µF
Ceramic, X7R/Y5V
C
IN
Input Capacitor from Battery Voltage to GND
10
µF
Ceramic, X7R/Y5V
C
VDDIO
V
DD_IO Bypass Capacitor
100
nF
Ceramic, X7R
RT
Oscillator Frequency Bias Resistor
82
k
1% (Note 18)
RSO
SO Output Pull-up Resistor
100
k
C
VREF
Reference Voltage Capacitor, between V
REF and GND
100
nF
Ceramic, X7R
L
BOOST
Boost Converter Inductor
10
µH
Shielded, Low ESR, I
SAT A1A
D
OUT
Rectifying Diode, V
F @ Maxload
0.3
V
Schottky Diode
RGB1
RGB LED1
User Defined
(See Application Note 1291 for resistor size calculation)
RGB2
RGB LED2
R
R1,RG1,RB1
Current Limit Resistor
R
R2,RG2,RB2
Current Limit Resistor
LEDs
White LEDs
Note 18: Resistor RT tolerance change will change the timing accuracy of RGB block. Also the boost converter switching frequency will be affected.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com