Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933SL Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933SL
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933SL Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP3933SL Datasheet HTML 10Page - National Semiconductor (TI) LP3933SL Datasheet HTML 11Page - National Semiconductor (TI) LP3933SL Datasheet HTML 12Page - National Semiconductor (TI) LP3933SL Datasheet HTML 13Page - National Semiconductor (TI) LP3933SL Datasheet HTML 14Page - National Semiconductor (TI) LP3933SL Datasheet HTML 15Page - National Semiconductor (TI) LP3933SL Datasheet HTML 16Page - National Semiconductor (TI) LP3933SL Datasheet HTML 17Page - National Semiconductor (TI) LP3933SL Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
WLED and CLED Driver Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
RANGE
Sink Current Range
V
FB = 5V, Control 00h–FFh
0–25.5
mA
I
MAX
Maximum Sink Current
(Note 16)
25.5
30
mA
I
LEAKAGE
Leakage Current
V
FB = 5V
0.03
1
µA
I
MATCH 1–4
Sink Current Matching (Note
17)
I
SINK = 13 mA, between
WLED1...4 or CLED1...2
0.5
2.7
%
Note 16: A minimum voltage, Dropout Voltage, is required on the WLED and CLED outputs for maintaining the LED current. The current reduction at lower voltages
is shown in the graph WLED Output Current vs Voltage
Note 17: Match % = 100% * (Max − Min)/Min
Adjustment
WLED[7:0] or
CLED[7:0]
WLED or CLED
Current (Typical)
Units
0000 0000
0
mA
0000 0001
0.1
mA
0000 0010
0.2
mA
0000 0011
0.3
mA
••
••
1111 1101
25.3
mA
1111 1110
25.4
mA
1111 1111
25.5
mA
WLED or CLED Output Current vs Voltage
Temperatures −40˚C, 25˚C, 85˚C, 100˚C
20080523
Recommended External
Components
OUTPUT CAPACITOR, C
OUT
The output capacitor C
OUT directly affects the magnitude of
the output ripple voltage. In general, the higher the value of
C
OUT, the lower the output ripple magnitude. Multilayer ce-
ramic capacitors with low ESR are the best choice. At the
lighter loads, the low ESR ceramics offer a much lower V
OUT
ripple than the higher ESR tantalums of the same value. At
the higher loads, the ceramics offer a slightly lower V
OUT
ripple magnitude than the tantalums of the same value.
However, the dv/dt of the V
OUT ripple with the ceramics is
much lower than the tantalums under all load conditions.
Capacitor voltage rating must be sufficient, 10V is recom-
mended.
INPUT CAPACITOR, C
IN
The input capacitor C
IN directly affects the magnitude of the
input ripple voltage and to a lesser degree the V
OUT ripple. A
higher value C
IN will give a lower VIN ripple. Capacitor volt-
age rating must be sufficient, 10V is recommended.
OUTPUT DIODE, D
OUT
A Schottky diode should be used for the output diode. To
maintain high efficiency the average current rating of the
schottky diode should be larger than the peak inductor cur-
rent (1A). Schottky diodes with a low forward drop and fast
switching speeds are ideal for increasing efficiency in por-
table applications. Choose a reverse breakdown of the
schottky diode larger than the output voltage. Do not use
ordinary rectifier diodes, since slow switching speeds and
long recovery times cause the efficiency and the load regu-
lation to suffer.
INDUCTOR, L
The LP3933’s high switching frequency enables the use of
the small surface mount inductor. A 10 µH shielded inductor
is suggested. Values below 4.7 µH should not be used. The
inductor should have a saturation current rating higher than
the peak current it will experience during circuit operation
(
A1A). Less than 300 m
Ω ESR is suggested for high effi-
ciency. Open core inductors cause flux linkage with circuit
components and interfere with the normal operation of the
circuit. This should be avoided. For high efficiency, choose
an inductor with a high frequency core material such as
ferrite to reduce the core losses. To minimize radiated noise,
use a toroid, pot core or shielded core inductor. The inductor
should be connected to the SW pin as close to the IC as
possible. Examples of suitable inductors are TDK types
LLF4017T-100MR90C and VLF4012AT-100MR79 and Coil-
craft type DO3314T-103.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com