Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933SL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933SL
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933SL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3933SL Datasheet HTML 1Page - National Semiconductor (TI) LP3933SL Datasheet HTML 2Page - National Semiconductor (TI) LP3933SL Datasheet HTML 3Page - National Semiconductor (TI) LP3933SL Datasheet HTML 4Page - National Semiconductor (TI) LP3933SL Datasheet HTML 5Page - National Semiconductor (TI) LP3933SL Datasheet HTML 6Page - National Semiconductor (TI) LP3933SL Datasheet HTML 7Page - National Semiconductor (TI) LP3933SL Datasheet HTML 8Page - National Semiconductor (TI) LP3933SL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP3933
Lighting Management System for Six White LEDs and
Two RGB or FLASH LEDs
General Description
The LP3933 is a complete lighting management system
designed for portable wireless applications. It contains a
boost DC/DC converter, 4 white-LED drivers to drive the
main LCD panel backlight, 2 white-LED drivers for the sub-
LCD panel and two sets of RGB/FLASH LED drivers.
Both backlight drivers have 8-bit constant current drivers that
are separately adjustable and matched to 0.5% (typ.). The
RGB LED drivers are PWM-driven with programmable color,
intensity and blinking patterns. In addition, they feature a
FLASH function to support picture taking with camera-
enabled cellular phones.
An efficient magnetic boost DC/DC converter provides the
required bias for LEDs, operating from a single Li-Ion bat-
tery. The DC/DC converter output voltage is user program-
mable from 4.1V to 5.3V for adapting to different LED types
and for efficiency optimization. All functions are software
controllable through a SPI interface and 19 internal registers.
Features
n
High Efficiency Programmable 300 mA Magnetic Boost
DC-DC converter
n
2 separately controlled PWM RGB LED drivers with
programmable color, brightness, turn on/off slopes and
blinking patterns
n
FLASH function with up to 6 outputs, each up to 120
mA
n
4 constant current LED drivers with programmable 8-bit
adjustment (0 … 25 mA/LED)
n
2 constant current LED drivers with programmable 8-bit
adjustment (0 … 25 mA/LED)
n
Functions software controlled through SPI interface
n
Additional LED on/off and dimming hardware control
n
Programmable low current Standby mode
n
Low voltage digital interface down to 1.8V
n
Space efficient 32-pin thin CSP laminate package
Applications
n
Cellular Phones
n
PDAs
Typical Application
20080505
March 2004
© 2004 National Semiconductor Corporation
DS200805
www.national.com


Similar Part No. - LP3933SL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3931 NSC-LP3931 Datasheet
399Kb / 17P
Dual RGB LED Driver with High Current Boost DC-DC Converter
LP3931ISQ NSC-LP3931ISQ Datasheet
399Kb / 17P
Dual RGB LED Driver with High Current Boost DC-DC Converter
LP3931ISQX NSC-LP3931ISQX Datasheet
399Kb / 17P
Dual RGB LED Driver with High Current Boost DC-DC Converter
LP3936 NSC-LP3936 Datasheet
520Kb / 20P
Lighting Management System for Six White LEDs and One RGB or FLASH LED
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
Lighting Management System for Six White LEDs and One RGB
More results

Similar Description - LP3933SL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
logo
National Semiconductor ...
LP3936 NSC-LP3936 Datasheet
520Kb / 20P
Lighting Management System for Six White LEDs and One RGB or FLASH LED
logo
Maxim Integrated Produc...
MAX1707 MAXIM-MAX1707 Datasheet
793Kb / 15P
Light-Management IC with Efficient 1x/1.5x/2x Charge Pump for Backlight/Flash/RGB LEDs
Rev 0; 7/05
logo
Everlight Electronics C...
30-01UYC EVERLIGHT-30-01UYC Datasheet
182Kb / 4P
Fewer LEDs Required, Lowers Lighting System Cost
logo
Maxim Integrated Produc...
MAX8647 MAXIM-MAX8647 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 0; 4/07
MAX8647_0709 MAXIM-MAX8647_0709 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
26V Step-Up Converters for Two to Six White LEDs
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
Lighting Management System for Six White LEDs and One RGB
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com