Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP3936SL/NOPB
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3936SL/NOPB Datasheet HTML 12Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 13Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 14Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 15Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 16Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 17Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 18Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 19Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
3.5V
4.0V
4.5V
TIME (50 Ps/DIV)
VIN = 3.6V
VOUT = 3.6V - 4.55V
TIME (500 ns/DIV)
100
150
200
250
300
350
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.8
BATTERY VOLTAGE (V)
ILOAD = 150 mA
300
350
400
450
500
550
600
650
3.0
3.5
4.0
4.5
BATTERY VOLTAGE (V)
ILOAD = 300 mA
80
82
84
86
88
90
92
94
3.00
3.50
4.00
4.50
INPUT VOLTAGE (V)
100 mA
200 mA
350 mA
300 mA
I
LOAD
=
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
BOOST CONVERTER TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, VOUT = 4.55V if not otherwise stated.
Boost Converter Efficiency (ROUT, GOUT, BOUT outputs)
Boost Frequency vs RT Resistor
Figure 15.
Figure 16.
Battery Current vs Voltage
Battery Current vs Voltage
Figure 17.
Figure 18.
Boost Typical Waveforms at 100 mA Load
Boost Startup with No Load
Figure 19.
Figure 20.
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com