Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3936SL/NOPB
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3936SL/NOPB Datasheet HTML 1Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 2Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 3Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 4Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 5Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 6Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 7Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 8Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the operating ambient temperature range
(
−40°C ≤ TA ≤ +85°C). Unless otherwise noted, specifications apply to the Block Diagram with: VDD1 = VDD2 = VDD_IO = 3.6V,
CVDD1, CVDD2, CVDDIO = 1 µF, CIN, COUT = 10 µF, CVDDA = 1 µF, CVREF = 0.1 µF, LBOOST = 10 µH
(3).
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD1,2
Supply Voltage
3.0
3.6
6.0
V
IDD
Standby Supply Current
NSTBY = L (register)
1
7
µA
(VDD1 and VDD2 current)
CS, SCL, DI, NRST = H
VDD1, VDD2 = 3.6V
No-Load Supply Current
NSTBY = H (reg.)
170
300
µA
(VDD1 and VDD2 current, boost off)
EN_BOOST = L (reg.)
SCL, CS, DI, NRST = H
Full Load Supply Current
NSTBY = H (register)
1
mA
(VDD1 and VDD2 current, boost on)
NRST, CS, SCL, DI = H
RGB_EN = L
WLED1 … 6 = L
EN_AMBADC = L
IDD_IO
VDD_IO Standby Supply Current
NSTBY = L (register)
1
µA
CS, SCL, DI, NRST = H
VDD_IO Operating Supply Current
1 MHz Clock Frequency
20
µA
CL = 50 pF at DO pin
VREF
Reference Voltage (4)
IREF ≤ 1 nA,
1.205
1.23
1.255
V
Test Purposes Only
−2
+2
%
VDDA
LDO Output Voltage
IVDDA < 1 µA
2.688
2.8
2.912
% V
–4
+4
(1)
All voltages are with respect to the potential at the GND pins (GND1, GND2, GND_T, GND_BOOST, GND_WLED, GND_RGB).
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(4)
VREF pin (Bandgap reference output) is for internal use only. A capacitor should always be placed between VREF and GND1.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com