Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3936SL/NOPB
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP3936SL/NOPB Datasheet HTML 1Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 2Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 3Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 4Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 5Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 6Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 7Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 8Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
Pin Description (continued)
Pin
Name
Type
Description
21
NRST
Logic Input
Low Active Reset Input
22
CS
Logic Input/Output
MicroWire Chip-Select (in) / I2C SDA (in/out)
23
DO
Logic Output
MicroWire Data Output
24
DI
Logic Input
MicroWire Data Input
25
SCL
Logic Input
MicroWire Clock / I2C SCL Input
26
RGB_EN
Logic Input
LED Control for On/Off or PWM Dimming
27
VDD_IO
Power
Supply Voltage for Logic IO signals
28
ROUT
LED Output
Open Drain Output, Red LED
29
GOUT
LED Output
Open Drain Output, Green LED
30
BOUT
LED Output
Open Drain Output, Blue LED
31
GND_RGB
Ground
Ground for RGB Drivers
32
OUT
Output
Open Drain, Boost Converter Power Switch
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VDD1, VDD2, VDD_IO, V(OUT, FB)
-0.3V to 6.0V
Voltage on Logic Pins
-0.3V to VDD_IO + 0.3V, with 6.0V max
Voltage on LED Output Pins
-0.3V to V(FB) + 0.3V, with 6.0V max
Voltage on All Other Pins
-0.3V to VDD1,2 + 0.3V, with 6.0V max
I (ROUT, GOUT, BOUT)
150 mA
I (VREF)
10 µA
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Reflow soldering, 3 times)(5)
260°C
ESD Rating(6)
Human Body Model:
2 kV
Machine Model:
200V
(1)
All voltages are with respect to the potential at the GND pins (GND1, GND2, GND_T, GND_BOOST, GND_WLED, GND_RGB).
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics table.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 140°C (typ.).
(5)
For detailed soldering specifications and information, see TI's AN--1125 Application Report (SNAA002).
(6)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
VDD1, VDD2
3.0V to 6.0V
VDD_IO
1.65V – VDD1,2
Recommended Load Current
0 mA to 250 mA
Junction Temperature (TJ) Range
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics table.
(2)
All voltages are with respect to the potential at the GND pins (GND1, GND2, GND_T, GND_BOOST, GND_WLED, GND_RGB).
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com