Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3936SL/NOPB
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3936SL/NOPB Datasheet HTML 6Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 7Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 8Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 9Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 10Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 11Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 12Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 13Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SDA
SCL
S
P
P
STO
condition
START condition
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
MicroWire Timing Parameters
(1)
VDD1,2 = 3.0V – 6V, VDD_IO = 1.8V – VDD1,2
Limit
Symbol
Parameter
Units
Min
Max
1
Cycle Time
120
ns
2
Enable Lead Time
60
ns
3
Enable Lag Time
60
ns
4
Clock Low Time
60
ns
5
Clock High Time
60
ns
6
Data Setup Time
0
ns
7
Data Hold Time
10
ns
8
Data Access Time
35
ns
9
Disable Time
30
ns
10
Output Data Valid
55
ns
11
Output Data Hold Time
15
ns
12
CS Inactive Time
10
ns
(1)
Specified by design. Not production tested.
I
2C Compatible Interface
I2C SIGNALS
In I2C mode the LP3936 pin SCL is used for the I2C clock and the pin CS is used for the I2C data signal SDA.
Both these signals need a pull-up resistor according to I2C specification. Unused pin DO can be left unconnected
and pin DI must be connected to VDD_IO or GND.
I2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when CLK is LOW.
I2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of the I2C session. START condition is defined as SDA
signal transitioning from HIGH to LOW while SCL line is HIGH. STOP condition is defined as the SDA
transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and STOP bits.
The I2C bus is considered to be busy after START condition and free after STOP condition. During data
transmission, I2C master can generate repeated START conditions. First START and repeated START
conditions are equivalent, function-wise.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com