Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LP3936SL/NOPB
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3936SL/NOPB Datasheet HTML 16Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 17Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 18Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 19Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 20Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 21Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 22Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 23Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MAIN
WLED[7:0]
EN_4LED
8-Bit IDAC
EN_4LED_PWM
RGB_EN
SUB
WLED[7:0]
EN_2LED
8-Bit IDAC
EN_2LED_PWM
WLED1
WLED2
WLED3
WLED4
WLED5
WLED6
Main
display
LEDs
0 - 25mA
Sub
display
LEDs
0 - 25mA
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
CYCLE[1:0]
CYCLE sets the blinking cycle: [00] for 0.25s, [01] for 0.5s, [10] for 1s and [11] for 2s. CYCLE setting is common to all
R, G and B drivers.
RSW
Enable for R switch
GSW
Enable for G switch
BSW
Enable for B switch
RGB_START
Master Switch:
RGB_START = 0
→ RGB OFF
RGB_START = 1
→ RGB ON, starts the new cycle from t = 0
RGB_PWM
RGB_PWM = 0
→ RSW, GWS and BSW control directly the RGB outputs (on/off control only)
RGB_PWM = 1
→ Normal PWM RGB functionality (duty, slope, on/off times, cycle)
EN_FLASH
Flash Mode enable control for RGB. In Flash mode (EN_FLASH = 1) RGB outputs are PWM controlled
simultaneously, not in 3-phase system as in the Normal Mode.
EN_RED_PWM
EN_X_PWM = 0
→ External PWM control from RGB_EN pin is disabled
EN_GREEN_PWM
EN_X_PWM = 1
→ External PWM control from RGB_EN pin is enabled
EN_BLUE_PWM
Internal PWM control (DUTY) can be used independently of external PWM control. External PWM has the same effect
on all enabled colors.
WLED Drivers
White LED drivers drive each white LED with a regulated constant current. The outputs are combined in two
groups, four outputs for the main display backlight and two outputs for the sub display backlight. The current is
controlled between 0 and 25.5 mA using the 8-bit current mode DA-converters. WLED outputs can be used to
drive any kind of LED.
Main and sub display outputs have separate enable control bits, EN_4LED and EN_2LED.
PWM control of WLED outputs for dimming or on/off control is possible using RGB_EN pin together with
EN_4LED_PWM and EN_2LED_PWM enable control bits from the user register. Recommended maximum
frequency of WLED external PWM control is 1 kHz.
WLED and CLED Driver Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IRANGE
Sink Current Range
VFB = 4.55V, Control 00h–FFh
0–25.5
mA
IMAX
Maximum Sink Current
See (1)
24
25.5
27
mA
22
28
mA
ILEAKAGE
Leakage Current
VFB = 5V
0.04
1
µA
IMATCH
Sink Current Matching (2)
ISINK = 13 mA, between WLED1 …
1.0
4
%
4 or WLED5 … 6
(1)
A minimum voltage, Dropout Voltage, is required on the WLED outputs for maintaining the LED current. The current reduction at lower
voltages is shown by the graph in Figure 26.
(2)
Match % = 100% * (Max – Min)/Min
20
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com