Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SL/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP3936SL/NOPB
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP3936SL/NOPB Datasheet HTML 15Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 16Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 17Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 18Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 19Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 20Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 21Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 22Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ROUT
GOUT
BOUT
First cycle
Next cycles
ON
OFF
ON<OFF
OFF<ON
ON
OFF
ON=OFF=0
ON
OFF
OFF
ON
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
Figure 25. Example Blinking Waveforms
RGB Driver Electrical Characteristics
(ROUT, GOUT, BOUT outputs)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RDS-ON
ON Resistance
2
4.5
Ω
ILEAKAGE
Off State Leakage Current
VFB = 5.3V
0.04
1
µA
IMAX
Maximum Sink Current
See (1)
120
mA
TSMAX
Maximum Slope Period
Maximum Duty Setting
0.93
s
TSMIN
Minimum Slope Period
Maximum Duty Setting
31
ms
TSRES
Slope Resolution
Maximum Duty Setting
62
ms
TSTART/STOP
Start/Stop Resolution
Cycle 1s
1/16
s
Duty
Duty Step Size
1/16
TBLINK
Blinking Cycle Accuracy
−6
±3
+6
%
DCYCF
Duty Cycle Range
EN_FLASH = 1
0
94
%
DCYC
Duty Cycle Range
EN_FLASH = 0
0
31
%
DRESF
Duty Resolution
EN_FLASH = 1 (4-bit)
6.27
%
DRES
Duty Resolution
EN_FLASH = 0 (4-bit)
2.09
%
FPWMF
PWM Frequency
EN_FLASH = 1
20
kHz
FPWM
PWM Frequency
EN_FLASH = 0
6.67
kHz
(1)
The total load current of the boost converter should be limited to 250 mA.
RGB LED PWM Control(2)
RDUTY[3:0]
DUTY sets the brightness of the LED by adjusting the duty cycle of the PWM driver. The minimum DUTY cycle [0000]
GDUTY[3:0]
is 0% and the maximum [1111] in the Flash mode is 94% and in the normal mode 31% of the peak pulse current. The
BDUTY[3:0]
peak pulse current is determined by the external resistor, LED forward voltage drop and the boost voltage.
RSLOPE[3:0]
SLOPE sets the turn-on and turn-off slopes. Fastest slope is set by [0000] and slowest by [1111]. SLOPE changes the
GSLOPE[3:0]
duty cycle at constant, programmable rate. For each slope setting the maximum slope time appears at maximum
BSLOPE[3:0]
DUTY setting. When DUTY is reduced, the slope time decreases proportionally. For example, in case of maximum
DUTY, the sloping time can be adjusted from 31 ms [0000] to 930 ms [1111]. For 50% DUTY [1000] the sloping time
is 17 ms [0000] to 496 ms [1111]. The blinking cycle has no effect on SLOPE.
RON[6:0]
ON sets the beginning time of the turn-on slope. The on-time is relative to the selected blinking cycle length. On-
GON[6:0]
setting N (N = 0–127) sets the on-time to N/128 * cycle length.
BON[6:0]
ROFF[6:0]
OFF sets the beginning time of the turn-off slope. Off-time is relative to blinking cycle length in the same way as on-
GOFF[6:0]
time.
BOFF[6:0]
If ON = 0, OFF = 0 and RGB_PWM = 1, then RGB outputs are continuously on (no blinking), DUTY controls the
brightness and SLOPE is ignored.
If ON and OFF are the same, but not 0, RGB outputs are turned off.
(2)
TI's AN-1293 Driving RGB LEDs Using LP3936 Lighting Management System Application Report (SNVA071) contains a thorough
description of the RGB driver functionality including programming examples.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com