Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 3 Page - Texas Instruments

  LP3971 Datasheet HTML 1Page - Texas Instruments LP3971 Datasheet HTML 2Page - Texas Instruments LP3971 Datasheet HTML 3Page - Texas Instruments LP3971 Datasheet HTML 4Page - Texas Instruments LP3971 Datasheet HTML 5Page - Texas Instruments LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Cchg_det
4.7 PF
VIN
DC SOURCE
4.5 ± 5.5V
Li-ion/polymer cell
+
OSC
PGND3
Logic Control
and registers
I2C
PGND1
VoutLDO2
Cldo1
1.0 PF
LDO2
SW2
VFB2
BUCK3
SW3
vref
PGND2
PWR_ON
Cvrefh
10 nF
VREF
Cvdd
4.7 PF
SYNC
VDDA
BUCK1
BUCK2
Lsw2 2.2 PH
SW1
VFB1
LDO3
LDO4
LDO5
RTC
SRAM
PLL
CODEC
SYS_EN
PWR_EN
RESET
Clock
divider
VoutLDO3
VoutLDO4
VoutLDO5
EOC
nTEST_JIG
SPARE
EXT_WAKEUP
nRSTI
GND1
VinLDO4
VinBUBATT
VoutLDO_RTC
nBATT_FLT
nRSTO
VinLDO5
GPIO1/nCHG_EN
GPIO2
BGND1,2,3
UART
CPU
CORE
Wake up
LDORTC
VFB3
BIAS
Thermal
Shutdown
Power On
Reset
Lsw1 2.2 PH
Lsw3 2.2 PH
Internal HW reset for
test purposes
VoutLDO_RTC
SYS_EN
VIN
Vout Switch
VIN
6
27
35
40
20
31
AP_IO
USB
BG
MVT
37
39
5
19
28
36
23
32
12
13
25
16
15
9
8
1
29
11
2
3
30
38
18
33
34
10
14
26
I2C_SDA
I2C_SCL
VBUCK2
22
21
24
4
17
COMP
LDO1
VoutLDO1
7
PWR_EN
Vout
Switch
See notes
3.3V
See notes
VDDA
10 PF
CldoRTC
1.0 PF
Cldo5
0.47 PF
Power
ON-OFF
Logic
10k
10k
APPLICATION
PROCESSOR
LP3971 PMIC
Cldo4
0.47 PF
Cldo3
0.47 PF
Cldo2
0.47 PF
10 PF
10 PF
LP3971
www.ti.com
SNVS432V – JANUARY 2006 – REVISED MAY 2013
•
The I2C lines are pulled up via a I/O source
•
VINLDO4, 5 can either be powered from main battery source, or by a buck regulator or VIN.
Figure 2.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com