Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 4 Page - Texas Instruments

  LP3971 Datasheet HTML 1Page - Texas Instruments LP3971 Datasheet HTML 2Page - Texas Instruments LP3971 Datasheet HTML 3Page - Texas Instruments LP3971 Datasheet HTML 4Page - Texas Instruments LP3971 Datasheet HTML 5Page - Texas Instruments LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
1
2
4
6
5
3
10
9
8
7
11
12
20
19
18
17
16
15
14
13
34
33
32
31
40
39
38
37
36
35
26 25 24 23
21
22
27
30 29 28
Top View
1
2
4
6
5
3
10 9
8
7
11
12
20
19
18
17
16
15
14
13
34
33
32
31
40
39
38
37
36
35
26
25
24
23
21 22
27
30
29
28
Bottom View
LP3971
SNVS432V – JANUARY 2006 – REVISED MAY 2013
www.ti.com
Connection Diagrams
Figure 3. 40-Pin WQFN
Package Number RSB0040A
Note: Circle marks Pin 1 position.
Table 1. Default VOUT Coding
Z
Default VOUT
0
1.3
1
1.8
2
2.5
3
2.8
4
3.0
5
3.3
6
1.0
7
1.4
8
1.2
9
1.25
A
1.35
Y
Default Enable Option:
SYS_EN or PWR_EN
Pin Descriptions(1)
Pin #
Name
I/O
Type
Description
1
PWR_ON
I
D
This is an active HI push button input which can be used to signal PWR_ON
and PWR_OFF events to the CPU by controlling the ext_wakup [pin4] and
select contents of register 8H'02
2
nTEST_JIG
I
D
This is an active LOW input signal used for detecting an external HW event. The
response is seen in the ext_wakup [pin4] and select contents of register 8H'02
3
SPARE
I
D
This is an input signal used for detecting a external HW event. The response is
seen in the ext_wakup [pin4] and select contents of register 8H'02. The polarity
on this pin is assignable
4
EXT_WAKEUP
O
D
This pin generates a single 10mS pulse output to CPU in response to input from
pin[s] 1, 2, and 3. Flags CPU to interrogate register 8H'02
5
FB1
I
A
Buck1 input feedback terminal
6
VIN
I
PWR
Battery Input (Internal circuitry and LDO1-3 power input)
7
VOUT LDO1
O
PWR
LDO1 output
8
VOUT LDO2
O
PWR
LDO2 output
(1)
A: Analog Pin D: Digital Pin G: Ground Pin P: Power Pin I: Input Pin I/O: Input/Output Pin O: Output Pin
Note: In this document active low logic items are prefixed with a lowercase “n”
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com