Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 10Page - Texas Instruments LP3971 Datasheet HTML 11Page - Texas Instruments LP3971 Datasheet HTML 12Page - Texas Instruments LP3971 Datasheet HTML 13Page - Texas Instruments LP3971 Datasheet HTML 14Page - Texas Instruments LP3971 Datasheet HTML 15Page - Texas Instruments LP3971 Datasheet HTML 16Page - Texas Instruments LP3971 Datasheet HTML 17Page - Texas Instruments LP3971 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
LP3971
SNVS432V – JANUARY 2006 – REVISED MAY 2013
www.ti.com
Back-Up Charger Electrical Characteristics
Unless otherwise noted, VIN = VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
(1) (2) and (3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Operational Voltage Range
Voltage at VIN
3.3
5.5
V
IOUT
Backup Battery Charging Current
VIN = 3.6V, Backup_Bat = 2.5V, Backup
190
μA
Battery Charger Enabled (3)
VOUT
Charger Termination Voltage
VIN = 5.0V Backup Battery Charger
2.91
3.1
V
Enabled. Programmable
Backup Battery Charger Short Circuit
Backup_Bat = 0V, Backup Battery Charger
9
mA
Current
Enabled
PSRR
Power Supply Ripple Rejection Ratio
IOUT ≤ 50 μA, VOUT = 3.15V
15
dB
VOUT + 0.4 ≤ VBATT = VIN ≤ 5.0V
f < 10 kHz
IQ
Quiescent Current
IOUT < 50 μA
25
μA
COUT
Output Capacitance
0
μA ≤ IOUT ≤ 100 μA
0.1
μF
Output Capacitor ESR
5
500
m
Ω
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits specified at room temperature and at temperature extremes. All room temperature limits are production tested, specified
through statistical analysis or by design. All limits at temperature extremes are specified via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Back-up battery charge current is programmable via the I2C compatible interface. Refer to the Application Section for more information.
LP3971 Battery Switch Operation
The LP3971 has provisions for two battery connections, the main battery Vbat and Backup Battery.
The function of the battery switch is to connect power to the RTC LDO from the appropriate battery, depending
on conditions described below:
•
If only the backup battery is applied, the switch will automatically connect the RTC LDO power to this battery.
•
If only the main battery is applied, the switch will automatically connect the RTC LDO power to this battery.
•
If both batteries are applied, and the main battery is sufficiently charged (Vbat > 3.1V), the switch will
automatically connect the RTC LDO power to the main battery.
•
As the main battery is discharged a separate circuit called nBATT_FLT will warn the system. Then if no action
is taken to restore the charge on the main battery, and discharging is continued the battery switch will
disconnect the input of the RTC_LDO from the main battery and connect to the backup battery.
•
The main battery voltage at which the RTC LDO is switched over from main to backup battery is 2.8V
typically.
•
There is a hysteric voltage in this switch operation so; the RTC LDO will not be reconnected to main battery
until main battery voltage is greater than 3.1V typically.
•
The system designer may wish to disable the battery switch when only a main battery is used. This is
accomplished by setting the “no back up battery bit” in the control register 8h’0B bit 7 NBUB. With this bit set
to “1”, the above described switching will not occur, that is the RTC LDO will remain connected to the main
battery even as it is discharged below the 2.9V threshold. The Backup battery input should also be connected
to main battery.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com