Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 1 Page - Texas Instruments

  LP3971 Datasheet HTML 1Page - Texas Instruments LP3971 Datasheet HTML 2Page - Texas Instruments LP3971 Datasheet HTML 3Page - Texas Instruments LP3971 Datasheet HTML 4Page - Texas Instruments LP3971 Datasheet HTML 5Page - Texas Instruments LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
LP3971
www.ti.com
SNVS432V – JANUARY 2006 – REVISED MAY 2013
LP3971 Power Management Unit for Advanced Application Processors
Check for Samples: LP3971
1
FEATURES
KEY SPECIFICATIONS
2
•
Compatible with Advanced Applications
•
Buck Regulators
Processors Requiring DVM (Dynamic Voltage
–
Programmable VOUT from 0.725 to 3.3V
Management)
–
Up to 95% Efficiency
•
Three Buck Regulators for Powering High
–
Up to 1.6A Output Current
Current Processor Functions or I/O's
–
±3% Output Voltage Accuracy
•
6 LDO's for Powering RTC, Peripherals, and
•
LDO’s
I/O's
–
Programmable VOUT of 1.0V–3.3V
•
Backup Battery Charger with Automatic
–
±3% output voltage accuracy
Switch for Lithium-Manganese Coin Cell
Batteries and Super Capacitors
–
150/300/370 mA output currents
•
I2C Compatible High Speed Serial Interface
–
LDO RTC 30 mA
•
Software Control of Regulator Functions and
–
LDO 1 300 mA
Settings
–
LDO 2 150 mA
•
Precision Internal Reference
–
LDO 3 150 mA
•
Thermal Overload Protection
–
LDO 4 150 mA
•
Current Overload Protection
–
LDO 5 370 mA
•
Tiny 40-pin 5x5 mm WQFN Package
–
100 mV (typ) dropout
APPLICATIONS
DESCRIPTION
The LP3971 is a multi-function, programmable Power
•
PDA Phones
Management Unit, designed especially for advanced
•
Smart Phones
application processors. The LP3971 is optimized for
•
Personal Media Players
low power handheld applications and provides 6 low
•
Digital Cameras
dropout, low noise linear regulators, three DC/DC
magnetic buck regulators, a back-up battery charger
•
Application Processors
and two GPIO’s. A high speed serial interface is
–
Marvell PXA
included
to
program
individual
regulator
output
–
Freescale
voltages as well as on/off control.
–
Samsung
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3971

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
logo
Texas Instruments
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
logo
National Semiconductor ...
LP3971SQ-A514 NSC-LP3971SQ-A514 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
LP3971SQ-B410 NSC-LP3971SQ-B410 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
LP3971SQX-A514 NSC-LP3971SQX-A514 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
More results

Similar Description - LP3971

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3970 NSC-LP3970 Datasheet
421Kb / 2P
Power Management Unit for Advanced Application Processors
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3972 NSC-LP3972_08 Datasheet
1Mb / 60P
Power Management Unit for Advanced Application Processors
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
Texas Instruments
LP3974 TI1-LP3974 Datasheet
1Mb / 10P
PRODUCT BRIEF High Performance Power Management Unit for Application Processors
LP3972 TI1-LP3972_14 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
logo
Linear Technology
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com