Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 5 Page - Texas Instruments

  LP3971 Datasheet HTML 1Page - Texas Instruments LP3971 Datasheet HTML 2Page - Texas Instruments LP3971 Datasheet HTML 3Page - Texas Instruments LP3971 Datasheet HTML 4Page - Texas Instruments LP3971 Datasheet HTML 5Page - Texas Instruments LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LP3971
www.ti.com
SNVS432V – JANUARY 2006 – REVISED MAY 2013
Pin Descriptions(1) (continued)
Pin #
Name
I/O
Type
Description
9
nRSTI
I
D
Active low Reset pin. Signal used to reset the IC (by default is pulled high
internally). Typically a push button reset.
10
GND1
G
G
Ground
11
VREF
O
A
Bypass Cap. for the high internal impedance reference.
12
VOUT LDO3
O
PWR
LDO3 output
13
VOUT LDO4
O
PWR
LDO4 output
14
VIN LDO4
I
PWR
Power input to LDO4, this can be connected to either from a 1.8V supply to
main Battery supply.
15
VIN BUBATT
I
PWR
Back Up Battery input supply.
16
VOUT LDO_RTC
O
PWR
LDO_RTC output supply to the RTC of the application processor.
17
nBATT_FLT
O
D
Main Battery fault output, indicates the main battery is low
(discharged) or the dc source has been removed from the system. This gives
the processor an indicator that the power will shut down. During this time the
processor will operate from the back up coin cell.
18
PGND2
G
G
Buck2 NMOS Power Ground
19
SW2
O
PWR
Buck2 switcher output
20
VIN Buck2
I
PWR
Battery input power to Buck2
21
SDA
I/O
D
I2C Data (Bidirectional)
22
SCL
I
D
I2C Clock
23
FB2
I
A
Buck2 input feedback terminal
24
nRSTO
O
D
Reset output from the PMIC to the processor
25
VOUT LDO5
O
PWR
LDO5 output
26
VIN LDO5
I
PWR
Power input to LDO5, this can be connected to VIN or to a separate 1.8V supply.
27
VDDA
I
PWR
Analog Power for VREF, BIAS
28
FB3
I
A
Buck3 Feedback
29
GPIO1 /
I/O
D
General Purpose I/O / Ext. backup battery charger enable pin. This pin enables
nCHG_EN
the main battery / DC source power to charge the backup battery. This pin
toggled via the application processor. By grounding this pin the DC source
continuously charges the backup battery
30
GPIO2
I/O
D
General Purpose I/O
31
VIN Buck3
I
PWR
Battery input power to Buck3
32
SW3
O
PWR
Buck3 switcher output
33
PGND3
G
G
Buck3 NMOS Power Ground
34
BGND1,2,3
G
G
Bucks 1, 2 and 3 analog Ground
35
SYNC
I
D
Frequency Synchronization: Connection to an external clock signal PLL to
synchronize the PMIC internal oscillator.
Input Digital enable pin for the high voltage power domain supplies. Output from
36
SYS_EN
I
D
the Monahans processor.
Digital enable pin for the Low Voltage domain supplies. Output signal from the
37
PWR_EN
I
D
Monahans processor
38
PGND1
G
G
Buck1 NMOS Power Ground
39
SW1
O
PWR
Buck1 Switcher output
40
VIN Buck1
I
PWR
Battery input power to Buck1
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com