Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3971 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 37Page - Texas Instruments LP3971 Datasheet HTML 38Page - Texas Instruments LP3971 Datasheet HTML 39Page - Texas Instruments LP3971 Datasheet HTML 40Page - Texas Instruments LP3971 Datasheet HTML 41Page - Texas Instruments LP3971 Datasheet HTML 42Page - Texas Instruments LP3971 Datasheet HTML 43Page - Texas Instruments LP3971 Datasheet HTML 44Page - Texas Instruments LP3971 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
LP3971
www.ti.com
SNVS432V – JANUARY 2006 – REVISED MAY 2013
APPLICATION HINTS
LDO CONSIDERATIONS
External Capacitors
The LP3971’s regulators require external capacitors for regulator stability. These are specifically designed for
portable applications requiring minimum board space and smallest components. These capacitors must be
correctly selected for good performance.
Input Capacitor
An input capacitor is required for stability. It is recommended that a 1.0 µF capacitor be connected between the
LDO input pin and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analogue ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be specified by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain
approximately 1.0 µF over the entire operating temperature range.
Output Capacitor
The LDO’s are designed specifically to work with very small ceramic output capacitors. A 1.0
μF ceramic
capacitor (temperature types Z5U, Y5V or X7R) with ESR between 5 m
Ω to 500 mΩ, are suitable in the
application circuit.
For this device the output capacitor should be connected between the VOUT pin and ground.
It is also possible to use tantalum or film capacitors at the device output, COUT (or VOUT), but these are not as
attractive for reasons of size and cost (see Capacitor Characteristics).
The output capacitor must meet the requirement for the minimum value of capacitance and also have an ESR
value that is within the range 5 m
Ω to 500 mΩ for stability.
No-Load Stability
The LDO’s will remain stable and in regulation with no external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
Capacitor Characteristics
The LDO’s are designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the range of 0.47 µF to 4.7 µF, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise. The
ESR of a typical 1.0 µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR
requirement for stability for the LDO’s.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly, depending on the operating conditions and
capacitor type. In particular, the output capacitor selection should take account of all the capacitor parameters, to
ensure that the specification is met within the application. The capacitance can vary with DC bias conditions as
well as temperature and frequency of operation. Capacitor values will also show some decrease over time due to
aging. The capacitor parameters are also dependant on the particular case size, with smaller sizes giving poorer
performance figures in general. As an example, Figure 23 shows a typical graph comparing different capacitor
case sizes in a Capacitance vs. DC Bias plot. As shown in the graph, increasing the DC Bias condition can result
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com