Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8565 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA8565 Datasheet HTML 1Page - NXP Semiconductors PCA8565 Datasheet HTML 2Page - NXP Semiconductors PCA8565 Datasheet HTML 3Page - NXP Semiconductors PCA8565 Datasheet HTML 4Page - NXP Semiconductors PCA8565 Datasheet HTML 5Page - NXP Semiconductors PCA8565 Datasheet HTML 6Page - NXP Semiconductors PCA8565 Datasheet HTML 7Page - NXP Semiconductors PCA8565 Datasheet HTML 8Page - NXP Semiconductors PCA8565 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
5 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.6 Register organization
Fig 4.
Voltage-low detection.
handbook, halfpage
VL set
normal power
operation
period of battery
operation
t
VDD
Vlow
MGR887
Table 4:
Binary formatted registers overview
Bit positions labelled as x are not implemented, those labelled with 0 should always be written with logic 0.
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00H
control/status 1
TEST1
0
STOP
0
TESTC
0
0
0
01H
control/status 2
0
0
0
TI/TP
AF
TF
AIE
TIE
0DH
CLKOUT control
FE
xxxxxFD1
FD0
0EH
timer control
TE
xxxxxTD1
TD0
0FH
timer
<timer countdown value>
Table 5:
BCD formatted registers overview
Bit positions labelled as x are not implemented.
Address
Register name
BCD format tens nibble
BCD format units nibble
Bit 7
23
Bit 6
22
Bit 5
21
Bit 4
20
Bit 3
23
Bit 2
22
Bit 1
21
Bit 0
20
02H
seconds
VL
<seconds 00 to 59 coded in BCD>
03H
minutes
x
<minutes 00 to 59 coded in BCD>
04H
hours
x
x
<hours 00 to 23 coded in BCD>
05H
days
x
x
<days 01 to 31 coded in BCD>
06H
weekdays
xxxxx
<weekdays 0 to 6>
07H
months/century
C
x
x
<months 01 to 12 coded in BCD>
08H
years
<years 00 to 99 coded in BCD>
09H
minute alarm
AE
<minute alarm 00 to 59 coded in BCD>
0AH
hour alarm
AE
x
<hour alarm 00 to 23 coded in BCD>
0BH
day alarm
AE
x
<day alarm 01 to 31 coded in BCD>
0CH
weekday alarm
AE
xxxx
<weekday alarm 0 to 6>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com