Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8565 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA8565 Datasheet HTML 5Page - NXP Semiconductors PCA8565 Datasheet HTML 6Page - NXP Semiconductors PCA8565 Datasheet HTML 7Page - NXP Semiconductors PCA8565 Datasheet HTML 8Page - NXP Semiconductors PCA8565 Datasheet HTML 9Page - NXP Semiconductors PCA8565 Datasheet HTML 10Page - NXP Semiconductors PCA8565 Datasheet HTML 11Page - NXP Semiconductors PCA8565 Datasheet HTML 12Page - NXP Semiconductors PCA8565 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
9 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.6.5
CLOCKOUT control register
8.6.6
Countdown timer
The timer register is an 8-bit binary countdown timer. It is enabled and disabled via
the timer control register bit TE. The source clock for the timer is also selected by the
timer control register. Other timer properties such as interrupt generation are
controlled via control/status 2 register.
Table 18:
Minute alarm (address 09H) bits description
Bit
Symbol
Value
Description
7
AE
0
minute alarm is enabled
1
minute alarm is disabled
6 to 0
alarm minutes
00 to 59
this register holds the minute alarm information coded in BCD format
Table 19:
Hour alarm (address 0AH) bits description
Bit
Symbol
Value
Description
7
AE
0
hour alarm is enabled
1
hour alarm is disabled
5 to 0
alarm hours
00 to 23
this register holds the hour alarm information coded in BCD format
Table 20:
Day alarm (address 0BH) bits description
Bit
Symbol
Value
Description
7
AE
0
day alarm is enabled
1
day alarm is disabled
5 to 0
alarm days
01 to 31
this register holds the day alarm information coded in BCD format
Table 21:
Weekday alarm (address 0CH) bits description
Bit
Symbol
Value
Description
7
AE
0
weekday alarm is enabled
1
weekday alarm is disabled
2 to 0
alarm
weekdays
0 to 6
this register holds the weekday alarm information coded in BCD format
Table 22:
CLKOUT control (address 0DH) bits description
Bit
Symbol
Value
Description
7
FE
0
the CLKOUT output is inhibited and CLKOUT output is set to high-impedance
1
the CLKOUT output is activated
1 to 0
FD1 and
FD0
these bits control the frequency output at pin CLKOUT, see Table 23
Table 23:
FD1 and FD0: CLKOUT frequency selection
FD1
FD0
CLKOUT frequency
0
0
32.768 kHz
0
1
1024 Hz
1032 Hz
111 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com