Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8565 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA8565 Datasheet HTML 13Page - NXP Semiconductors PCA8565 Datasheet HTML 14Page - NXP Semiconductors PCA8565 Datasheet HTML 15Page - NXP Semiconductors PCA8565 Datasheet HTML 16Page - NXP Semiconductors PCA8565 Datasheet HTML 17Page - NXP Semiconductors PCA8565 Datasheet HTML 18Page - NXP Semiconductors PCA8565 Datasheet HTML 19Page - NXP Semiconductors PCA8565 Datasheet HTML 20Page - NXP Semiconductors PCA8565 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
17 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
12. Dynamic characteristics
[1]
Unspecified for fCLKOUT = 32.768 kHz.
[2]
All timing values are valid within the operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage
swing of VSS to VDD.
[3]
A detailed description of the I2C-bus specification, with applications, is given in brochure
The I2C-bus and how to use it. This brochure
may be ordered using the code 9398 393 40011.
[4]
I2C-bus access time between two STARTs or between a START and a STOP condition to this device must be less than one second.
Table 29:
Dynamic characteristics
VDD = 1.8 to 5.5 V; VSS =0V; Tamb = −40 to + 125 °C; fosc = 32.768 kHz; quartz Rs =40kΩ; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Oscillator
CINT
integrated load
capacitance
15
25
35
pF
∆fosc/fosc
oscillator stability
∆V
DD = 200 mV; Tamb =25 °C-
2
× 10-7
--
Quartz crystal parameters (f = 32.768 kHz)
Rs
series resistance
-
-
40
k
Ω
CL
parallel load capacitance
-
10
-
pF
CT
trimmer capacitance
5
-
25
pF
CLKOUT output
δCLKOUT
CLKOUT duty cycle
[1] -50
-
%
Timing characteristics: I2C-bus[2][3]
fSCL
SCL clock frequency
[4] -
-
400
kHz
tHD;STA
START condition hold time
0.6
-
-
µs
tSU;STA
set-up time for a repeated
START condition
0.6
-
-
µs
tLOW
SCL LOW time
1.3
-
-
µs
tHIGH
SCL HIGH time
0.6
-
-
µs
tr
SCL and SDA rise time
-
-
0.3
µs
tf
SCL and SDA fall time
-
-
0.3
µs
Cb
capacitive bus line load
-
-
400
pF
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP
condition
0.6
-
-
µs
tSW
tolerable spike width on
bus
--50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com