Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8565 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA8565 Datasheet HTML 1Page - NXP Semiconductors PCA8565 Datasheet HTML 2Page - NXP Semiconductors PCA8565 Datasheet HTML 3Page - NXP Semiconductors PCA8565 Datasheet HTML 4Page - NXP Semiconductors PCA8565 Datasheet HTML 5Page - NXP Semiconductors PCA8565 Datasheet HTML 6Page - NXP Semiconductors PCA8565 Datasheet HTML 7Page - NXP Semiconductors PCA8565 Datasheet HTML 8Page - NXP Semiconductors PCA8565 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
4 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.1 Alarm function modes
By clearing the MSB of one or more of the alarm registers (bit AE = alarm enable),
the corresponding alarm condition(s) will be active. In this way an alarm can be
generated from once per minute up to once per week. The alarm condition sets the
Alarm Flag (AF). The asserted AF can be used to generate an interrupt (INT).
The AF can only be cleared by software.
8.2 Timer
The 8-bit countdown timer at address 0FH is controlled by the timer control register at
address 0EH. The timer control register determines one of 4 source clock
frequencies for the timer (4096 Hz, 64 Hz, 1 Hz, or 1
⁄
60 Hz), and enables or disables
the timer. The timer counts down from a software-loaded 8-bit binary value. At the
end of every countdown, the timer sets the Timer Flag (TF). The TF may only be
cleared by software. The asserted TF can be used to generate an Interrupt (INT). The
interrupt may be generated as a pulsed signal every countdown period or as a
permanently active signal which follows the condition of TF. Bit TI/TP is used to
control this mode selection. When reading the timer, the current countdown value is
returned.
8.3 CLKOUT output
A programmable square wave is available at pin CLKOUT. Operation is controlled by
the CLKOUT control register at address 0DH. Frequencies of 32.768 kHz (default),
1024 Hz, 32 Hz and 1 Hz can be generated for use as a system clock,
microcontroller clock, input to a charge pump, or for calibration of the oscillator.
CLKOUT is an open-drain output and enabled at power-on. If disabled it becomes
high-impedance.
8.4 Reset
The PCA8565 includes an internal reset circuit which is active whenever the oscillator
is stopped. In the reset state the I2C-bus logic is initialized and all registers, including
the address pointer, are cleared with the exception of bits FE, VL, TD1, TD0, TESTC
and AE which are set to logic 1.
8.5 Voltage-low detector
The PCA8565 has an on-chip voltage-low detector. When VDD drops below Vlow,
bit VL in the seconds register is set to indicate that the integrity of the clock
information is no longer guaranteed. The VL flag can only be cleared by software.
Bit VL is intended to detect the situation when VDD is decreasing slowly, for example
under battery operation. Should VDD reach Vlow before power is re-asserted then
bit VL will be set. This will indicate that the time may be corrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com