Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8565 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA8565 Datasheet HTML 1Page - NXP Semiconductors PCA8565 Datasheet HTML 2Page - NXP Semiconductors PCA8565 Datasheet HTML 3Page - NXP Semiconductors PCA8565 Datasheet HTML 4Page - NXP Semiconductors PCA8565 Datasheet HTML 5Page - NXP Semiconductors PCA8565 Datasheet HTML 6Page - NXP Semiconductors PCA8565 Datasheet HTML 7Page - NXP Semiconductors PCA8565 Datasheet HTML 8Page - NXP Semiconductors PCA8565 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PCA8565
Real time clock/calender
Rev. 01 — 31 March 2003
Product data
1.
General description
The PCA8565 is a CMOS real time clock/calendar optimized for low power
consumption. A programmable clock output, interrupt output and voltage-low detector
are also provided. All address and data are transferred serially via a two-line
bidirectional I2C-bus. Maximum bus speed is 400 kbit/s. The built-in word address
register is incremented automatically after each written or read data byte.
2.
Features
s Provides year, month, day, weekday, hours, minutes and seconds based on
32.768 kHz quartz crystal
s Century flag
s Clock operating voltage: 1.8 to 5.5 V
s Extended operating temperature range:
−40 to +125 °C
s Low backup current; typical 0.5
µA at V
DD = 3.0 V and Tamb =25 °C
s 400 kHz two-wire I2C-bus interface (at VDD = 1.8 to 5.5 V)
s Programmable clock output for peripheral devices (32.768 kHz, 1024 Hz,
32 Hz and 1 Hz)
s Alarm and timer functions
s Integrated oscillator capacitor
s Internal power-on reset
s I2C-bus slave address: read A3H and write A2H
s Open-drain interrupt pin.
3.
Applications
s Automotive
s Industrial
s Other applications that require a wide operating temperature range.
4.
Quick reference data
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
I2C-bus active; fSCL = 400 kHz;
Tamb = −40 to +125 °C
1.8
-
5.5
V
IDD
supply current
fSCL = 400 kHz
-
-
820
µA
Tamb
ambient temperature
−40
-
+125
°C


Similar Part No. - PCA8565

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
Real time clock/calendar
Rev. 02-16 June 2009
PCA8565 NXP-PCA8565 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA8565 NXP-PCA8565 Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCA8565 NXP-PCA8565 Datasheet
677Kb / 59P
Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCA8565 NXP-PCA8565 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
More results

Similar Description - PCA8565

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com