Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8565 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8565
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8565 Datasheet HTML 3Page - NXP Semiconductors PCA8565 Datasheet HTML 4Page - NXP Semiconductors PCA8565 Datasheet HTML 5Page - NXP Semiconductors PCA8565 Datasheet HTML 6Page - NXP Semiconductors PCA8565 Datasheet HTML 7Page - NXP Semiconductors PCA8565 Datasheet HTML 8Page - NXP Semiconductors PCA8565 Datasheet HTML 9Page - NXP Semiconductors PCA8565 Datasheet HTML 10Page - NXP Semiconductors PCA8565 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
7 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
TF and INT become active simultaneously.
[2]
n = loaded countdown value. Timer stopped when n = 0.
8.6.3
Time and date registers
[1]
The PCA8565 compensates for leap years by adding a 29th day to February if the year counter contains a value which is exactly
divisible by 4, including the year 00.
[1]
These bits may be re-assigned by the user.
Table 8:
INT operation (bit TI/TP = 1)
Source clock (Hz)
INT period (s)[2]
n=1[1]
n>1
4 096
1
⁄
8192
1
⁄
4096
64
1
⁄
128
1
⁄
64
1
1
⁄
64
1
⁄
64
1
⁄
60
1
⁄
64
1
⁄
64
Table 9:
Seconds/VL (address 02H) bits description
Bit
Symbol
Value
Description
7
VL
0
clock integrity is guaranteed
1
integrity of the clock information is no longer guaranteed
6 to 0
seconds
00 to 59
this register holds the current seconds coded in BCD format; example: seconds
register contains x101 1001 = 59 seconds
Table 10:
Minutes (address 03H) bits description
Bit
Symbol
Value
Description
6 to 0
minutes
00 to 59
this register holds the current minutes coded in BCD format
Table 11:
Hours (address 04H) bits description
Bit
Symbol
Value
Description
5 to 0
hours
00 to 23
this register holds the current hours coded in BCD format
Table 12:
Days (address 05H) bits description
Bit
Symbol
Value
Description
5 to 0
days[1]
01 to 31
this register holds the current day coded in BCD format
Table 13:
Weekdays (address 06H) bits description
Bit
Symbol
Value
Description
2 to 0
weekdays[1] 0 to 6
this register holds the current weekday coded in BCD format, see Table 14
Table 14:
Weekday assignments
Day
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sunday
xxxxx0
0
0
Monday
xxxxx0
0
1
Tuesday
xxxxx0
1
0
Wednesday
xxxxx0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com