Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560 Datasheet(HTML) 2 Page - Texas Instruments

  LP5560 Datasheet HTML 1Page - Texas Instruments LP5560 Datasheet HTML 2Page - Texas Instruments LP5560 Datasheet HTML 3Page - Texas Instruments LP5560 Datasheet HTML 4Page - Texas Instruments LP5560 Datasheet HTML 5Page - Texas Instruments LP5560 Datasheet HTML 6Page - Texas Instruments LP5560 Datasheet HTML 7Page - Texas Instruments LP5560 Datasheet HTML 8Page - Texas Instruments LP5560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Single-Wire Interface Timing Requirements ............. 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 17
7.5
Programming .......................................................... 18
7.6
Registers ................................................................. 18
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical Application ................................................. 19
9
Power Supply Recommendations ...................... 22
10
Layout................................................................... 22
10.1
Layout Guidelines ................................................. 22
10.2
Layout Example .................................................... 22
11
Device and Documentation Support ................. 23
11.1
Documentation Support ........................................ 23
11.2
Receiving Notification of Documentation Updates 23
11.3
Community Resources.......................................... 23
11.4
Trademarks ........................................................... 23
11.5
Electrostatic Discharge Caution ............................ 23
11.6
Glossary ................................................................ 23
12
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (May 2013) to Revision D
Page
•
Added additional Applications, Device Information and Pin Configuration and Functions sections, ESD Ratings and
Thermal Information tables, Feature Description, Device Functional Modes, Application and Implementation, Power
Supply Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable
Information sections................................................................................................................................................................ 1
•
Changed RθJA value from "120°C/W" to "184.3°C/W"; added additional thermal values ....................................................... 5
Changes from Revision B (April 2013) to Revision C
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com