Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5560 Datasheet HTML 3Page - Texas Instruments LP5560 Datasheet HTML 4Page - Texas Instruments LP5560 Datasheet HTML 5Page - Texas Instruments LP5560 Datasheet HTML 6Page - Texas Instruments LP5560 Datasheet HTML 7Page - Texas Instruments LP5560 Datasheet HTML 8Page - Texas Instruments LP5560 Datasheet HTML 9Page - Texas Instruments LP5560 Datasheet HTML 10Page - Texas Instruments LP5560 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
7
HEADROOM VOLTAGE (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
HEADROOM VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
6.3
6.6
INPUT VOLTAGE (V)
+85°C
+25°C
-30°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
15
16
17
18
19
20
21
22
23
INPUT VOLTAGE (V)
+85°C
+25°C
-30°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
INPUT VOLTAGE (V)
+85°C
-30°C
+25°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
40
45
50
INPUT VOLTAGE (V)
-30°C
+25°C
+85°C
7
LP5560
www.ti.com
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
TJ = 25°C. Unless otherwise noted, typical characteristics apply to the Functional Block Diagram with: VIN = 3.6 V, RISET =
24 k
Ω, CIN = 100 nF.
Figure 2. Standby Current vs VIN
Figure 3. Quiescent Current vs VIN
5 mA
Figure 4. LED Current vs Input Voltage
20 mA
Figure 5. LED Current vs Input Voltage
5 mA
Figure 6. IOUT vs Headroom Voltage
20 mA
Figure 7. IOUT vs Headroom Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com