Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560 Datasheet(HTML) 1 Page - Texas Instruments

  LP5560 Datasheet HTML 1Page - Texas Instruments LP5560 Datasheet HTML 2Page - Texas Instruments LP5560 Datasheet HTML 3Page - Texas Instruments LP5560 Datasheet HTML 4Page - Texas Instruments LP5560 Datasheet HTML 5Page - Texas Instruments LP5560 Datasheet HTML 6Page - Texas Instruments LP5560 Datasheet HTML 7Page - Texas Instruments LP5560 Datasheet HTML 8Page - Texas Instruments LP5560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LP5560
VDD
LED
GND
CTRL
+
-
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
LP5560 Programmable LED Driver With Single-Wire Interface
1
1 Features
1
•
Wide Input-Voltage Range: 2.7 V to 5.5 V
•
Adjustable Output Current: 2.8 mA to 19.5 mA
•
Programmable Blinking Sequence with Current
Rise and Fall Time Control
•
Default Blinking Sequence for Simple Systems
without Programming Capabilities
•
Single-Wire Interface
•
Constant Current High Side Output Driver
•
Very Low Headroom Voltage (40 mV Typical)
•
Ultra-Small Solution Size – No External
Components
2 Applications
•
Indicator LEDs in Cell Phones and Other Portable
Devices
•
Card Readers
•
Fuel Dispensers
•
Pedometers
•
Electronic Access Control
•
Where Simple Feedback is Needed
3 Description
The LP5560 is a programmable LED driver that can
generate variety of blinking sequences with up to
three pulses of different length per sequence. Blinking
sequences can be programmed through a single-wire
interface. Programmable parameters include on and
off times as well as rise and fall times. Default
sequence is programmed into the LP5560 to enable
the
use
of
device
in
simple
systems
without
programming capabilities.
Very low headroom voltage eliminates the need for a
boost converter. Indicator LEDs can be driven directly
from the battery. Small package size combined with
zero external components minimizes the solution
size.
LP5560 is available in TI’s tiny 4-pin DSBGA package
with 0.4-mm pitch.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5560
DSBGA (4)
0.886 mm × 0.886 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LP5560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5562 TI1-LP5562 Datasheet
1Mb / 52P
Programmable Lighting Sequences
LP5562 TI2-LP5562 Datasheet
843Kb / 52P
LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
REVISED DECEMBER 2016
LP5562TME TI1-LP5562TME Datasheet
1Mb / 52P
Programmable Lighting Sequences
LP5562TME/NOPB TI1-LP5562TME/NOPB Datasheet
1Mb / 52P
Programmable Lighting Sequences
LP5562TME/NOPB TI2-LP5562TME/NOPB Datasheet
843Kb / 52P
LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
REVISED DECEMBER 2016
More results

Similar Description - LP5560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
Indicator LED Blinker with Single-Wire Interface
FAN5646 FAIRCHILD-FAN5646 Datasheet
398Kb / 2P
Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
Series Boost LED Driver with Single-Wire Digital Interface
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
Linear LED Drivers with Single-Wire Digital Interface
FAN5646 FAIRCHILD-FAN5646_11 Datasheet
554Kb / 4P
Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
Micrel Semiconductor
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2874 MICREL-MIC2874 Datasheet
2Mb / 22P
1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
MIC2873 MICREL-MIC2873 Datasheet
1Mb / 24P
1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com