Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5560 Datasheet HTML 9Page - Texas Instruments LP5560 Datasheet HTML 10Page - Texas Instruments LP5560 Datasheet HTML 11Page - Texas Instruments LP5560 Datasheet HTML 12Page - Texas Instruments LP5560 Datasheet HTML 13Page - Texas Instruments LP5560 Datasheet HTML 14Page - Texas Instruments LP5560 Datasheet HTML 15Page - Texas Instruments LP5560 Datasheet HTML 16Page - Texas Instruments LP5560 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
R1 ON1 F1 OFF1
Training
start
command
R2
ON2
F2
OFF2
Training
end
command
I
CTRL
R3
ON3
F3
OFF3
Blank
period
C
CTRL
Training
start
command
Training
end
command
Blank
period
C
I
R1
13
LP5560
www.ti.com
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Figure 16. Entering Follow Mode With New Current Setting
7.3.3.5 Timeout
If during training CTRL stays constant for more than 127 × TCAL time this is interpreted as timeout. For example,
if calibration pulse length TCAL is 1 ms, timeout time is 127 ms. Timeout ends the training sequence. Timeout is
considered as a false training, and it is a good practice to always give a complete training sequence after timeout
to ensure correct data is stored into memory.
Figure 17. Full Training Sequence
7.3.4 LED Output Current Setting
The LED output current can be set from 2.8 mA to 19.5 mA in 7 steps. Duration of the current setting pulse (I)
defines the current setting.
Table 2. LED Current Setting
CURRENT SETTING
LED CURRENT (mA)
0
2.8
1
5.3 default
2
7.8
3
10.2
4
12.6
5
15.0
6
17.3
7
19.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com