Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5560 Datasheet HTML 2Page - Texas Instruments LP5560 Datasheet HTML 3Page - Texas Instruments LP5560 Datasheet HTML 4Page - Texas Instruments LP5560 Datasheet HTML 5Page - Texas Instruments LP5560 Datasheet HTML 6Page - Texas Instruments LP5560 Datasheet HTML 7Page - Texas Instruments LP5560 Datasheet HTML 8Page - Texas Instruments LP5560 Datasheet HTML 9Page - Texas Instruments LP5560 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
R1
I
CTRL
TC_ON
TC_OFF
TCAL
C
TT_ON
TT_OFF
TENTER
TBLANK
TENTER
6
LP5560
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Specified by design.
(2)
Minimum and Maximum limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm.
(3)
All CTRL signal high times between calibration pulse and training end are considered as training pulse on times.
(4)
All CTRL signal low times between calibration pulse and training end are considered as training pulse off times.
6.6 Single-Wire Interface Timing Requirements
See
(1) (2) and Figure 1
MIN
MAX
UNIT
TC_ON
Command pulse on time
15
µs
TC_OFF
Command pulse off time
30
µs
TT_ON
Minimum training pulse on time(3)
200
µs
TT_OFF
Minimum training pulse off time(4)
200
µs
TCAL
Calibration pulse length
0.35
8
ms
T ENTER
Command entering period
500
µs
T ENTER+T BLANK
Command entering period + Blank period
1500
µs
Figure 1. Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com