Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5560 Datasheet HTML 7Page - Texas Instruments LP5560 Datasheet HTML 8Page - Texas Instruments LP5560 Datasheet HTML 9Page - Texas Instruments LP5560 Datasheet HTML 10Page - Texas Instruments LP5560 Datasheet HTML 11Page - Texas Instruments LP5560 Datasheet HTML 12Page - Texas Instruments LP5560 Datasheet HTML 13Page - Texas Instruments LP5560 Datasheet HTML 14Page - Texas Instruments LP5560 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Command
entering
period
Blank
period
CTRL
LED
To Standby
Programmed
sequence
Command
entering
period
Blank
period
CTRL
LED
To Standby
Programmed
sequence
11
LP5560
www.ti.com
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Figure 11. Run-Once Command
If CTRL signal is low after command entering period, blinking sequence is executed once the CTRL is set high
(Figure 12).
Figure 12. Delayed Run-Once Command
If device is in follow mode (mode bit is 0) the run-once command turns the LED on, and it is kept on as long as
CTRL is held high.
7.3.3 Training Mode
Figure 17 shows an example of a full training sequence with three pulses. Training mode starts with a training
start command. Training start command is followed by blank time during which no rising edges are allowed.
Blank time is followed by calibration pulse. Calibration pulse length (TCAL) defines the speed of the training
sequence and can vary from 350 µs to 8 ms. During parameter settings register values are incremented at speed
defined by TCAL. For example, if calibration pulse length is 1 ms and current setting pulse length is 3.3 ms, the
current-setting value is 3 (current-set register is incremented 3 times). If the parameter-setting pulse is shorter
than the calibration pulse, then the corresponding parameter is set to 0.
The next rising edge after calibration pulse starts LED driver current setting (I). LED driver current is recorded
once CTRL is pulled low. Note that there are empty low times before and after current setting pulse. For the
following pulses both CTRL high and CTRL low times are used to set the parameters. Next the CTRL high time
defines the LED current rise time setting for pulse 1 (R1). When R1 setting is started mode bit is set to 0. This
sets the LP5560 device into follow mode. Mode bit is set to 1 after first off time has been saved into register. This
means that at least one full pulse must be trained into memory to set the device into run mode.
CTRL low time after R1 defines the LED on time for pulse 1 (ON1). CTRL high time after ON1 sets the LED
current fall time (F1). CTRL low time after F1 sets pulse 1 off time (OFF1). Once rising edge of CTRL is detected
after first off time setting mode bit is set to 1 (run mode) and the number of pulses register (NOP[1:0]) is set to 1.
This indicates that one full pulse has been trained into memory.
Rise, on, fall, and off times for pulse 2 and 3 are set the same way as for pulse 1. Note that NOP register is
always incremented after OFFx time setting. This means that all pulse parameters (rise, on, fall, and off times)
must be trained for each pulse make it valid. The training sequence is ended with training end command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com