Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8545 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8545
Description  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8545 Datasheet HTML 19Page - Texas Instruments LP8545 Datasheet HTML 20Page - Texas Instruments LP8545 Datasheet HTML 21Page - Texas Instruments LP8545 Datasheet HTML 22Page - Texas Instruments LP8545 Datasheet HTML 23Page - Texas Instruments LP8545 Datasheet HTML 24Page - Texas Instruments LP8545 Datasheet HTML 25Page - Texas Instruments LP8545 Datasheet HTML 26Page - Texas Instruments LP8545 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
SCL
2
1
8
7
3 - 6
9
S
Start
Condition
Acknowledgment
Signal From Receiver
Data Output
by
Receiver
Data Output
by
Transmitter
Transmitter Stays Off the
Bus During the
Acknowledgment Clock
SDA
SCL
Data Line
Stable:
Data Valid
Change
of Data
Allowed
LP8545
www.ti.com
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
I
2C Compatible Serial Bus Interface
Interface Bus Overview
The I2C-compatible synchronous serial interface provides access to the programmable functions and registers on
the device. This protocol uses a two-wire interface for bidirectional communications between the IC's connected
to the bus. The two interface lines are the Serial Data Line (SDA) and the Serial Clock Line (SCLK). These lines
should be connected to a positive supply, via a pull-up resistor and remain HIGH even when the bus is idle.
Every device on the bus is assigned a unique address and acts as either a Master or a Slave depending on
whether it generates or receives the SCLK. The LP8545 is always a slave device.
Data Transactions
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock
SCLK. Consequently, throughout the clock’s high period, the data should remain stable. Any changes on the
SDA line during the high state of the SCLK and in the middle of a transaction, aborts the current transaction.
New data should be sent during the low SCLK state. This protocol permits a single data line to transfer both
command/control information and data using the synchronous serial clock.
Figure 18. Bit Transfer
Each data transaction is composed of a Start Condition, a number of byte transfers (set by the software) and a
Stop Condition to terminate the transaction. Every byte written to the SDA bus must be 8 bits long and is
transferred with the most significant bit first. After each byte, an Acknowledge signal must follow. The following
sections provide further details of this process.
Figure 19. Start and Stop
The Master device on the bus always generates the Start and Stop Conditions (control codes). After a Start
Condition is generated, the bus is considered busy and it retains this status until a certain time after a Stop
Condition is generated. A high-to-low transition of the data line (SDA) while the clock (SCLK) is high indicates a
Start Condition. A low-to-high transition of the SDA line while the SCLK is high indicates a Stop Condition.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP8545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com