Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8545 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP8545
Description  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545 Datasheet(HTML) 3 Page - Texas Instruments

  LP8545 Datasheet HTML 1Page - Texas Instruments LP8545 Datasheet HTML 2Page - Texas Instruments LP8545 Datasheet HTML 3Page - Texas Instruments LP8545 Datasheet HTML 4Page - Texas Instruments LP8545 Datasheet HTML 5Page - Texas Instruments LP8545 Datasheet HTML 6Page - Texas Instruments LP8545 Datasheet HTML 7Page - Texas Instruments LP8545 Datasheet HTML 8Page - Texas Instruments LP8545 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
PIN 1 ID
1
24
7
18
19
20
21
22
23
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
FAULT
VDDIO
GND_S
SCLK
SDA
OUT1
VSYNC
FILTER
FB
VLDO
VIN
SW
PIN 1 ID
1
24
7
18
19
20
21
22
23
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
FAULT
VDDIO
GND_S
SCLK
SDA
OUT1
VSYNC
FILTER
FB
VLDO
VIN
SW
MCU
LP8545
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
L1
D1
Up to 55V
5.5V ± 22V
FILTER
FSET
33 éH
VSYNC
COUT
CIN
10 éF
2 x 2.2 éF
(100V)
VDDIO reference voltage
VSYNC signal
120 k
#
100 nF
1 éF
FAULT
Can be left floating
if not used
GD
39 pF
63.4 k
#
59 k
#
VIN
5V
CVLDO
1 éF
RISET
RFSET
VBATT
R1
R2
T1
LP8545
www.ti.com
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
Typical Application for High Output Voltage (3)
Connection Diagrams
Figure 1. Package Number RTW0024A
Figure 2. Package Number RTW0024A
Top View
Bottom View
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com