Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8545 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP8545
Description  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545 Datasheet(HTML) 4 Page - Texas Instruments

  LP8545 Datasheet HTML 1Page - Texas Instruments LP8545 Datasheet HTML 2Page - Texas Instruments LP8545 Datasheet HTML 3Page - Texas Instruments LP8545 Datasheet HTML 4Page - Texas Instruments LP8545 Datasheet HTML 5Page - Texas Instruments LP8545 Datasheet HTML 6Page - Texas Instruments LP8545 Datasheet HTML 7Page - Texas Instruments LP8545 Datasheet HTML 8Page - Texas Instruments LP8545 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LP8545
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
www.ti.com
Pin Descriptions(1)
Pin #
Name
Type
Description
1
GND_SW
G
Boost switch ground
2
PWM
A
PWM dimming input. This pin must be connected to GND if not used.
3
ISET
A
Set resistor for LED current. This pin can be left floating if not used.
4
EN
I
Enable input pin
5
FSET
A
PWM frequency set resistor. This pin can be left floating if not used.
6
GD
A
Gate driver for external FET. If not used, can be left floating.
7
FAULT
OD
Fault indication output. If not used, can be left floating.
8
VDDIO
P
Digital IO reference voltage (1.65V...5V) for I2C interface. If brightness is controlled with
PWM input pin then this pin can be connected to GND.
9
GND_S
G
Signal ground
10
SCLK
I
Serial clock. This pin must be connected to GND if not used.
11
SDA
I/O
Serial data. This pin must be connected to GND if not used.
12
OUT1
A
Current sink output
13
OUT2
A
Current sink output
14
OUT3
A
Current sink output
15
GND_L
G
LED ground
16
OUT4
A
Current sink output
17
OUT5
A
Current sink output
18
OUT6
A
Current sink output
19
VSYNC
I
VSYNC input. This pin must be connected to GND if not used.
20
FILTER
A
Low pass filter for PLL. This pin can be left floating if not used.
21
FB
A
Boost feedback input
22
VLDO
P
LDO output voltage. External 5V rail can be connected to this pin in low voltage
application.
23
VIN
P
Input power supply up to 22V. If 2.7V
≤ VBATT < 5.5V (Typical Application for Low
Input Voltage (2)) then external 5V rail must be used for VLDO and VIN.
24
SW
A
Boost switch. With external FET (typ. app. (3)) this pin acts as a current sense.
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Input Pin, I/O: Input/Output Pin, O: Output Pin, OD: Open Drain Pin
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP8545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com