Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8545 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP8545
Description  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8545 Datasheet HTML 6Page - Texas Instruments LP8545 Datasheet HTML 7Page - Texas Instruments LP8545 Datasheet HTML 8Page - Texas Instruments LP8545 Datasheet HTML 9Page - Texas Instruments LP8545 Datasheet HTML 10Page - Texas Instruments LP8545 Datasheet HTML 11Page - Texas Instruments LP8545 Datasheet HTML 12Page - Texas Instruments LP8545 Datasheet HTML 13Page - Texas Instruments LP8545 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
LP8545
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: VBATT = 12.0V, CVLDO = 1 μF, L1 = 33 μH, CIN = 10 μF, COUT = 10 μF
LED Drive Efficiency, fLED = 19.2 kHz
LED Drive Efficiency, fLED = 19.2 kHz, L1 = 15 μH
Figure 3.
Figure 4.
LED Drive Efficiency, fLED = 19.2 kHz, External FET
Boost Converter Efficiency
Figure 5.
Figure 6.
ILED
vs.
Battery Current
RISET
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP8545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com