Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8545 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8545
Description  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8545 Datasheet HTML 2Page - Texas Instruments LP8545 Datasheet HTML 3Page - Texas Instruments LP8545 Datasheet HTML 4Page - Texas Instruments LP8545 Datasheet HTML 5Page - Texas Instruments LP8545 Datasheet HTML 6Page - Texas Instruments LP8545 Datasheet HTML 7Page - Texas Instruments LP8545 Datasheet HTML 8Page - Texas Instruments LP8545 Datasheet HTML 9Page - Texas Instruments LP8545 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LP8545
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating ambient temperature range
(-30°C
≤ TA ≤ +85°C). Unless otherwise specified: VIN = 12.0V, CVLDO = 1 μF, L1 = 15 μH, CIN = 10 μF, COUT = 10 μF. RISET =
16 k
Ω.
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Standby Supply Current
Internal LDO disabled
1
μA
EN=L and PWM=L
LDO enabled, boost enabled, no current
going through LED outputs, Internal FET
4.0
used
IIN
5 MHz PLL Clock
Normal Mode Supply Current
mA
10 MHz PLL Clock
4.8
20 MHz PLL Clock
6.0
40 MHz PLL Clock
8.4
fOSC
Internal Oscillator Frequency
-4
+4
%
Accuracy
-7
+7
VLDO
Internal LDO Voltage
4.5
5.0
5.5
V
ILDO
Internal LDO External Loading
5.0
mA
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
BOOST CONVERTER ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
RDSON
Switch ON Resistance
ISW = 0.5A
0.12
Ω
VMAX
Boost Maximum Output Voltage
40
V
9.0V
≤ VBATT, VOUT = 35V
450
Maximum Continuous Load
ILOAD
6.0V
≤ VBATT, VOUT = 35V
300
mA
Current, Internal FET
3.0V
≤ VBATT, VOUT = 25V
180
9.0V
≤ VBATT, VOUT = 50V
320
Maximum Continuous Load
ILOAD
mA
Current, External FET
6.0V
≤ VBATT, VOUT = 50V
190
VOUT/VIN
Conversion Ratio
10
BOOST_FREQ = 00
156
BOOST_FREQ = 01
312
fSW
Switching Frequency
kHz
BOOST_FREQ = 10
625
BOOST_FREQ = 11
1250
VBOOST ≥ 38V
VBOOST + 1.6V
VOV
Over-voltage Protection Voltage
V
VBOOST < 38V
VBOOST + 4V
tPULSE
Switch Pulse Minimum Width
no load
50
ns
tSTARTUP
Startup Time
(1)
6
ms
BOOST_IMAX[1:0] = 00
0.9
BOOST_IMAX[1:0] = 01
1.4
IMAX
SW Pin Current Limit
A
BOOST_IMAX[1:0] = 10
2.0
BOOST_IMAX[1:0] = 11
2.5
VGD
Gate Driver Pin Voltage
EN_EXT_FET = 1
0
VLDO
V
(1)
Startup time is measured from the moment boost is activated until the VOUT crosses 90% of its target value.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP8545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com