Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8545 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8545
Description  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545 Datasheet(HTML) 1 Page - Texas Instruments

  LP8545 Datasheet HTML 1Page - Texas Instruments LP8545 Datasheet HTML 2Page - Texas Instruments LP8545 Datasheet HTML 3Page - Texas Instruments LP8545 Datasheet HTML 4Page - Texas Instruments LP8545 Datasheet HTML 5Page - Texas Instruments LP8545 Datasheet HTML 6Page - Texas Instruments LP8545 Datasheet HTML 7Page - Texas Instruments LP8545 Datasheet HTML 8Page - Texas Instruments LP8545 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LP8545
www.ti.com
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
High-Efficiency LED Backlight Driver for Notebooks
Check for Samples: LP8545
1
FEATURES
DESCRIPTION
The LP8545 is a white LED driver with integrated
2
•
High-Voltage DC/DC Boost Converter with
boost converter. It has six adjustable current sinks
Integrated FET with Four Switching Frequency
which can be controlled by PWM input or with I2C-
Options: 156/312/625/1250 kHz
compatible serial interface.
•
Configurable for Use with External FET for
The boost converter has adaptive output voltage
Applications Needing Higher Output Voltage
control based on the LED driver voltages. This
•
2.7V – 22V Input Voltage Range to Support
feature
minimizes
the
power
consumption
by
1x…5x Cell Li-Ion Batteries
adjusting the voltage to lowest sufficient level in all
•
Programmable PWM Resolution
conditions.
–
8 to 13 True Bit (Steady State)
LED outputs have 8-bit current resolution and up to
13-bit PWM resolution with additional 1-3 bit dithering
–
Additional 1 to 3 Bits Using Dithering
to achieve smooth and precise brightness control.
During Brightness Changes
Proprietary Phase Shift PWM control is used for LED
•
I2C and PWM Brightness Control
outputs to reduce peak current from the boost
•
PWM Output Frequency and LED Current Set
converter, thus making the boost capacitors smaller.
Through Resistors
The Phase Shifting scheme also eliminates audible
noise.
•
Optional Synchronization to Display VSYNC
Signal
Internal EEPROM is used for storing the configuration
data. This makes it possible to have minimum
•
6 LED Outputs with LED fault (Short/Open)
external component count and make the solution very
Detection
small.
•
Low Input Voltage, Over-Temperature, Over-
Current Detection and Shutdown
LP8545 has safety features which make it possible to
detect LED outputs with open or short fault. As well
•
Minimum Number of External Components
low input voltage and boost over-current conditions
•
WQFN 24-Pin Package, 4 x 4 x 0.8 mm
are monitored and chip is turned off in case of these
events.
Thermal
de-rating
function
prevents
APPLICATIONS
overheating of the device by reducing backlight
brightness when set temperature has been reached.
•
Notebook and Netbook LCD Display LED
Backlight
LP8545 is available in TI's WQFN 24-pin package.
•
LED Lighting
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8545SQX TI1-LP8545SQX Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
More results

Similar Description - LP8545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552_14 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
LP8553 TI1-LP8553_14 Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com