Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8553 Datasheet HTML 14Page - Texas Instruments LP8553 Datasheet HTML 15Page - Texas Instruments LP8553 Datasheet HTML 16Page - Texas Instruments LP8553 Datasheet HTML 17Page - Texas Instruments LP8553 Datasheet HTML 18Page - Texas Instruments LP8553 Datasheet HTML 19Page - Texas Instruments LP8553 Datasheet HTML 20Page - Texas Instruments LP8553 Datasheet HTML 21Page - Texas Instruments LP8553 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
EEPROM
NVM
8 x 8 bits
REGISTERS
ADDRESS 00h...72h
Startup or
EE_READ=1
User
Device Control
EEPROM
REGISTERS
Address A0h...A7h
EE_PROG = 1
Device Control
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
Driver Headroom Control
Driver headroom can be controlled with <DRV_HEADR[2:0]> EEPROM bits. Driver headroom control sets the
minimum threshold for the voltage over the LED output which has the smallest driver headroom and controls the
boost output voltage accordingly. Boost output voltage step size is 125 mV. The LED output which has the
smallest forward voltage is the one which has highest VF across the LEDs. The strings with highest forward
voltage is detected automatically. To achieve best possible efficiency smallest possible headroom voltage should
be selected. If there is high variation between LED strings, the headroom can be raised slightly to prevent any
visual artifacts.
EEPROM
EEPROM memory stores various parameters for chip control. The 64-bit EEPROM memory is organized as 8 x 8
bits. The EEPROM structure consists of a register front-end and the non-volatile memory (NVM). Register data
can be read and written through the serial interface, and data will be effective immediately. To read and program
NVM, separate commands need to be sent. Erase and program voltages are generated on-chip charge pump, no
other voltages than normal input voltage are required. A complete EEPROM memory map is shown in the
chapter LP8553 Table 3.
NOTE
EEPROM NVM can be programmed or read by customer for bench validation.
Programming for production devices should be done in TI production test, where
appropriate checks will be performed to confirm EEPROM validity. Writing to EEPROM
Control register of production devices (for burning or reading EEPROM) is not
recommended. If special EEPROM configuration is required, please contact the TI Sales
Office for availability.
Boost Converter
Operation
The LP8553 boost DC/DC converter generates a 10…40V supply voltage for the LEDs from 2.7…22V input
voltage. The output voltage can be controlled either with EEPROM register bits <VBOOST[4:0]> or automatic
adaptive voltage control can be used. The converter is a magnetic switching PWM mode DC/DC converter with a
current limit. The topology of the magnetic boost converter is called CPM (current programmed mode) control,
where the inductor current is measured and controlled with the feedback. Switching frequency is selectable
between 156 kHz and 1.25 MHz with EEPROM bit <BOOST_FREQ[1:0]>. When <EN_BOOST> EEPROM
register bit is set to 1, then boost will activate automatically when backlight is enabled.
In adaptive mode the boost output voltage is adjusted automatically based on LED driver headroom voltage.
Boost output voltage control step size is in this case 125 mV to ensure as small as possible driver headroom and
high efficiency. Enabling the adaptive mode is done with <EN_ADAPT> EEPROM bit. If boost is started with
adaptive mode enabled, then the initial boost output voltage value is defined with the <VBOOST[4:0]> EEPROM
register bits in order to eliminate long output voltage iteration time when boost is started for the first time. The
following figure shows the boost topology with the protection circuitry:
18
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com