Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553 Datasheet(HTML) 1 Page - Texas Instruments

  LP8553 Datasheet HTML 1Page - Texas Instruments LP8553 Datasheet HTML 2Page - Texas Instruments LP8553 Datasheet HTML 3Page - Texas Instruments LP8553 Datasheet HTML 4Page - Texas Instruments LP8553 Datasheet HTML 5Page - Texas Instruments LP8553 Datasheet HTML 6Page - Texas Instruments LP8553 Datasheet HTML 7Page - Texas Instruments LP8553 Datasheet HTML 8Page - Texas Instruments LP8553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
MCU
LP8553
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
L1
D1
10V ± 40V
5.5V ± 22V
FILTER
5V
FSET
15 éH
VSYNC
210 mA ± 400 mA
COUT
CIN
10 éF
4.7 éF
CVLDO
1 éF
VDDIO reference voltage
VSYNC signal
120 k
#
100 nF
1 éF
FAULT
Can be left floating
if not used
39 pF
VIN
RISET
RFSET
VBATT
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
LP8553 High-Efficiency LED Backlight Driver for Notebooks
Check for Samples: LP8553
1
FEATURES
APPLICATIONS
2
High-Voltage DC/DC Boost Converter with
Notebook and Netbook LCD Display LED
Integrated FET with Four Switching Frequency
Backlight
Options: 156/312/625/1250 kHz
LED Lighting
2.7V to 22V Input Voltage Range to Support
1x…5x Cell Li-Ion Batteries
DESCRIPTION
The LP8553 is a white LED driver with integrated
Programmable PWM Resolution
boost converter. It has four adjustable current sinks
8 to 13 True Bit (Steady State)
which can be controlled by PWM input or with I2C-
Additional 1 to 3 Bits Using Dithering
compatible serial interface.
During Brightness Changes
The boost converter has adaptive output-voltage
I2C and PWM Brightness Control
control based on the LED driver voltages. This
Automatic PWM & Current Dimming for
feature
minimizes
the
power
consumption
by
Improved Efficiency
adjusting the voltage to lowest sufficient level in all
conditions.
PWM Output Frequency and LED Current Set
Through Resistors
LED outputs have 8-bit current resolution and up to
13-bit PWM resolution with additional 1-3 bit dithering
Optional Synchronization to Display VSYNC
to achieve smooth and precise brightness control.
Signal
Proprietary Phase Shift PWM control is used for LED
4 LED Outputs with LED Fault (Short/Open)
outputs to reduce peak current from the boost
Detection
converter, thus making the boost capacitors smaller.
Low Input Voltage, Over-Temperature, Over-
The Phase Shifting scheme also eliminates audible
noise.
Current Detection and Shutdown
Minimum Number of External Components
DSBGA 25-Bump Package, 2.466 x 2.466 x
0.6 mm
Typical Application (1)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8553

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI2-LP8553 Datasheet
610Kb / 41P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
REVISED JANUARY 2014
LP8553TLE TI1-LP8553TLE Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8553TLE/NOPB TI2-LP8553TLE/NOPB Datasheet
610Kb / 41P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
REVISED JANUARY 2014
LP8553TLE/NOPB.A TI2-LP8553TLE/NOPB.A Datasheet
610Kb / 41P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
REVISED JANUARY 2014
More results

Similar Description - LP8553

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552_14 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com