Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8553 Datasheet HTML 16Page - Texas Instruments LP8553 Datasheet HTML 17Page - Texas Instruments LP8553 Datasheet HTML 18Page - Texas Instruments LP8553 Datasheet HTML 19Page - Texas Instruments LP8553 Datasheet HTML 20Page - Texas Instruments LP8553 Datasheet HTML 21Page - Texas Instruments LP8553 Datasheet HTML 22Page - Texas Instruments LP8553 Datasheet HTML 23Page - Texas Instruments LP8553 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Time
VBOOST
Driver
headroom
VBOOST
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
Figure 20. Boost Adaptive Control Principle with PSPWM
Fault Detection
LP8553 has fault detection for LED fault, low-battery voltage, over-current and thermal shutdown. The open drain
output pin (FAULT) can be used to indicate occurred fault. The cause for the fault can be read from status
register. Reading the fault register will also reset the fault. Setting the EN pin low will also reset the faults, even if
an external 5V line is used to power VLDO pin.
LED Fault Detection
With LED fault detection, the voltages across the LED drivers are constantly monitored. Shorted or open LED
string is detected.
If LED fault is detected:
•
The corresponding LED string is taken out of boost adaptive control loop;
•
Fault bits are set in the fault register to identify whether the fault has been open/short and how many strings
are faulty; and
•
Fault open-drain pin is pulled down.
LED fault sensitivity can be adjusted with <LED_FAULT_THR> EEPROM bit which sets the allowable variation
between LED output voltage to 3.3V or 5.3V. Depending on application and how much variation there can be in
normal operation between LED string forward voltages this setting can be adjusted.
Fault is cleared by setting EN pin low or by reading the fault register.
By default the LED fault detection is active only in automatic PWM & current dimming mode. If LED fault
detection is needed in PWM dimming mode, please contact TI representative for guidance.
Under-Voltage Detection
LP8553 has detection for too-low VIN voltage. Threshold level for the voltage is set with EEPROM register bits
as seen in the following table:
UVLO[1:0]
Threshold (V)
00
OFF
01
2.7V
10
5.4V
11
8.1V
When under voltage is detected the LED outputs and boost will shutdown, FAULT pin is pulled down and
corresponding fault bit is set in fault register. LEDs and boost will start again when the voltage has increased
above the threshold level. Hysteresis is implemented to threshold level to avoid continuous triggering of fault
when threshold is reached.
Fault is cleared by setting EN pin low or by reading the fault register.
20
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com