Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553 Datasheet(HTML) 4 Page - Texas Instruments

  LP8553 Datasheet HTML 1Page - Texas Instruments LP8553 Datasheet HTML 2Page - Texas Instruments LP8553 Datasheet HTML 3Page - Texas Instruments LP8553 Datasheet HTML 4Page - Texas Instruments LP8553 Datasheet HTML 5Page - Texas Instruments LP8553 Datasheet HTML 6Page - Texas Instruments LP8553 Datasheet HTML 7Page - Texas Instruments LP8553 Datasheet HTML 8Page - Texas Instruments LP8553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
PIN DESCRIPTIONS(1)
Pin #
Name
Type
Description
A1
GND_SW
G
Boost switch ground
A2
GND_SW
G
Boost switch ground
A3
EN
I
Enable input pin
A4
PWM
A
PWM dimming input. This pin must be connected to GND if not used.
A5
FB
A
Boost feedback input
B1
SW
A
Boost switch
B2
SW
A
Boost switch
B3
ISET
A
Set resistor for LED current. This pin can be left floating if not used.
B4
FSET
A
PWM frequency set resistor. This pin can be left floating if not used.
B5
GND_S
G
Signal ground
C1
VIN
P
Input power supply up to 22V. If 2.7V
≤ VBATT < 5.5V (Typical Application for Low
Input Voltage (2)) then external 5V rail must be used for VLDO and VIN.
C2
FILTER
A
Low pass filter for PLL. This pin can be left floating if not used.
C3
FAULT
OD
Fault indication output. If not used, can be left floating.
C4
VDDIO
P
Digital IO reference voltage (1.65V...5V) for I2C interface and PWM input.
C5
OUT3
A
Current sink output
D1
VLDO
P
LDO output voltage. External 5V rail can be connected to this pin in low voltage
application.
D2
VSYNC
I
VSYNC input. This pin must be connected to GND if not used.
D3
SCLK
I
Serial clock. This pin must be connected to GND if not used.
D4
SDA
I/O
Serial data. This pin must be connected to GND if not used.
D5
OUT2
A
Current sink output
E1
NC
-
Not connected
E2
NC
-
Not connected
E3
OUT4
A
Current sink output
E4
GND_L
G
LED ground
E5
OUT1
A
Current sink output
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Input Pin, I/O: Input/Output Pin, O: Output Pin, OD: Open Drain Pin
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
4
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com