Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8553 Datasheet HTML 3Page - Texas Instruments LP8553 Datasheet HTML 4Page - Texas Instruments LP8553 Datasheet HTML 5Page - Texas Instruments LP8553 Datasheet HTML 6Page - Texas Instruments LP8553 Datasheet HTML 7Page - Texas Instruments LP8553 Datasheet HTML 8Page - Texas Instruments LP8553 Datasheet HTML 9Page - Texas Instruments LP8553 Datasheet HTML 10Page - Texas Instruments LP8553 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
LED Driver Electrical Characteristics (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
fLED = 5 kHz, fPLL = 5 MHz
10
fLED = 10 kHz, fPLL = 5 MHz
9
fLED = 20 kHz, fPLL = 5 MHz
8
PWM Output Resolution
PWMRES
bits
(2)
fLED = 5 kHz, fPLL = 40 MHz
13
fLED = 10 kHz, fPLL = 40 MHz
12
fLED = 20 kHz, fPLL = 40 MHz
11
PWM_FREQ[4:0] = 00000b
600
PLL clock 5 MHz
LED Switching Frequency
fLED
Hz
(2)
PWM_FREQ[4:0] = 11111b
19.2k
PLL clock 5 MHz
Output current set to 20 mA
105
220
VSAT
Saturation Voltage (3)
mV
Output current set to 30 mA
160
290
(2)
PWM output resolution and frequency depend on the PLL settings. Please see PWM Frequency Setting for full description
(3)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1V.
PWM Interface Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
fPWM
PWM Frequency Range
0.1
25
kHz
tMIN_ON
Minimum Pulse ON time
1
μs
tMIN_OFF
Minimum Pulse OFF time
1
Turn on delay from standby to
PWM input active, EN pin rise from low to
tSTARTUP
6
ms
backlight on
high
PWM input low time for turn off, slope
TSTBY
Turn Off Delay
50
ms
disabled
fIN < 9.0 kHz
10
fIN < 4.5 kHz
11
PWMRES
PWM Input Resolution
bits
fIN < 2.2 kHz
12
fIN < 1.1 kHz
13
Under-Voltage Protection
Symbol
Parameter
Condition
Min
Typ
Max
Units
UVLO[1:0] = 00
Disabled
UVLO[1:0] = 01, falling
2.55
2.70
2.94
UVLO[1:0] = 01, rising
2.62
2.76
3.00
VUVLO
VIN UVLO Threshold Voltage
UVLO[1:0] = 10, falling
5.11
5.40
5.68
V
UVLO[1:0] = 10, rising
5.38
5.70
5.98
UVLO[1:0] = 11, falling
7.75
8.10
8.45
UVLO[1:0] = 11, rising
8.36
8.73
9.20
Logic Interface Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Logic Input EN
VIL
Input Low Level
0.4
V
VIH
Input High Level
1.2
V
II
Input Current
−1.0
1.0
μA
Logic Input VSYNC
VIL
Input Low Level
0.4
V
VIH
Input High Level
2.2
V
II
Input Current
−1.0
1.0
μA
fVSYNC
Frequency Range
58
60
55000
Hz
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com