Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553 Datasheet(HTML) 2 Page - Texas Instruments

  LP8553 Datasheet HTML 1Page - Texas Instruments LP8553 Datasheet HTML 2Page - Texas Instruments LP8553 Datasheet HTML 3Page - Texas Instruments LP8553 Datasheet HTML 4Page - Texas Instruments LP8553 Datasheet HTML 5Page - Texas Instruments LP8553 Datasheet HTML 6Page - Texas Instruments LP8553 Datasheet HTML 7Page - Texas Instruments LP8553 Datasheet HTML 8Page - Texas Instruments LP8553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
MCU
LP8553
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
L1
D1
2.7V ± 22V
FILTER
+5V input rail
FSET
15 éH
VSYNC
COUT
CIN
10 éF
4.7 éF
CVLDO
1 éF
VDDIO reference voltage
VSYNC signal
120 k
#
100 nF
RISET
1 éF
FAULT
Can be left floating
if not used
39 pF
VIN
RFSET
VBATT 5.5V ± 22V
10 ± 40V, 180 ± 400 mA
10 ± 25V, 180 mA
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
DESCRIPTION (CONTINUED)
Automatic PWM dimming at lower brightness values and current dimming at higher brightness values can be
used to improve the optical efficiency.
Internal EEPROM is used for storing the configuration data. This makes it possible to have minimum external
component count and make the solution very small.
LP8553 has safety features which make it possible to detect LED outputs with open or short fault. Low input
voltage and boost over-current conditions are also monitored, and the chip is turned off when these events occur.
Thermal de-rating function prevents overheating of the device by reducing backlight brightness when set
temperature has been reached.
LP8553 is available in TI's DSBGA 25-bump package.
Typical Application for Low Input Voltage (2)
Note: Separate 5V rail to VLDO can be also used to improve efficiency for applications with higher battery voltage. No
power sequencing requirements between VIN/VLDO and VBATT.
2
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com