Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580IPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5580IPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580IPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLV5580IPWR Datasheet HTML 1Page - Texas Instruments TLV5580IPWR Datasheet HTML 2Page - Texas Instruments TLV5580IPWR Datasheet HTML 3Page - Texas Instruments TLV5580IPWR Datasheet HTML 4Page - Texas Instruments TLV5580IPWR Datasheet HTML 5Page - Texas Instruments TLV5580IPWR Datasheet HTML 6Page - Texas Instruments TLV5580IPWR Datasheet HTML 7Page - Texas Instruments TLV5580IPWR Datasheet HTML 8Page - Texas Instruments TLV5580IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
5
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE (unless
otherwise noted)†
Supply voltage: AVDD to AGND, DVDD to DGND
−0.5 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage: AVDD to DVDD, AGND to DGND
−0.5 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range to DGND
−0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range to AGND
−0.5 V to AVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage applied from external source to DGND
−0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . .
Reference voltage input range to AGND: V(REFTI), V(REFTO), V(REFBI), V(REFBO) −0.5 V to AVDD + 0.5 V
Operating free-air temperature range, TA: TLV5580C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5580I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) †Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS OVER OPERATING FREE-TEMPERATURE RANGE
POWER SUPPLY
MIN
NOM
MAX
UNIT
AVDD
Supply voltage
DVDD
3
3.3
3.6
V
Supply voltage
DRVDD
3
3.3
3.6
V
ANALOG AND REFERENCE INPUTS
MIN
NOM
MAX
UNIT
Reference input voltage (top), V(REFTI)
(NOM) − 0.2
2 + (AVDD − 3)
(NOM) + 0.2
V
Reference input voltage (bottom), V(REFBI)
0.8
1
1.2
V
Reference voltage differential, V(REFTI) − V(REFBI)
1 + (AVDD − 3)
V
Analog input voltage, V(AIN)
V(REFBI)
V(REFTI)
V
DIGITAL INPUTS
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
2.0
DVDD
V
Low-level input voltage, VIL
DGND
0.2xDVDD
V
Clock period, tc
12.5
ns
Pulse duration, clock high, tw(CLKH)
5.25
ns
Pulse duration, clock low, tw(CLKL)
5.25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com