Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580IPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV5580IPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5580IPWR Datasheet HTML 2Page - Texas Instruments TLV5580IPWR Datasheet HTML 3Page - Texas Instruments TLV5580IPWR Datasheet HTML 4Page - Texas Instruments TLV5580IPWR Datasheet HTML 5Page - Texas Instruments TLV5580IPWR Datasheet HTML 6Page - Texas Instruments TLV5580IPWR Datasheet HTML 7Page - Texas Instruments TLV5580IPWR Datasheet HTML 8Page - Texas Instruments TLV5580IPWR Datasheet HTML 9Page - Texas Instruments TLV5580IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
6
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING CONDITIONS WITH FCLK = 80
MSPS AND USE OF EXTERNAL VOLTAGE REFERENCES (unless otherwise noted)
POWER SUPPLY
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
AVDD = DVDD = 3.3 V, DRVDD = 3 V,
57
71
IDD
Operating supply current
DVDD
AVDD = DVDD = 3.3 V, DRVDD = 3 V,
CL = 15 pF, VI = 1 MHz, −1 dBFS
3
3.6
mA
IDD
Operating supply current
DRVDD
CL = 15 pF, VI = 1 MHz, −1 dBFS
5
7.5
mA
PD
Power dissipation
PWDN_REF = L
213
270
PD
Power dissipation
PWDN_REF = H
165
210
mW
PD(STBY)
Standby power
STBY = H,
CLK held high or low
11
15
mW
DIGITAL LOGIC INPUTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current on CLK†
AVDD = DVDD = DRVDD = CLK = 3.6 V
10
µA
IIL
Low-level input current on digital inputs
(OE, STDBY, PWDN_REF, CLK)
AVDD = DVDD = DRVDD = 3.6 V,
Digital inputs at 0 V
10
µA
CI
Input capacitance
5
pF
† IIH leakage current on other digital inputs (OE, STDBY, PWDN_REF) is not measured since these inputs have an internal pull-down resistor of
4 K
Ω to DGND.
LOGIC OUTPUTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
AVDD = DVDD = DRVDD = 3 V at IOH = 50 µA,
Digital output forced high
2.8
V
VOL
Low-level output voltage
AVDD = DVDD = DRVDD = 3.6 V at IOL = 50 µA,
Digital output forced low
0.1
V
CO
Output capacitance
5
pF
IOZH
High-impedance state output current to
high level
AVDD = DVDD = DRVDD = 3.6 V
10
µA
IOZL
High-impedance state output current to
low level
AVDD = DVDD = DRVDD = 3.6 V
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com