Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV5580IPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5580IPWR Datasheet HTML 9Page - Texas Instruments TLV5580IPWR Datasheet HTML 10Page - Texas Instruments TLV5580IPWR Datasheet HTML 11Page - Texas Instruments TLV5580IPWR Datasheet HTML 12Page - Texas Instruments TLV5580IPWR Datasheet HTML 13Page - Texas Instruments TLV5580IPWR Datasheet HTML 14Page - Texas Instruments TLV5580IPWR Datasheet HTML 15Page - Texas Instruments TLV5580IPWR Datasheet HTML 16Page - Texas Instruments TLV5580IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
13
PERFORMANCE PLOTS AT 25
°C (Continued)
100
50
0
0
10203040
5060
150
200
Sampling Frequency − MHz
250
70
80
90
100
Figure 9. Power vs fCLK
At VIN = 1 MHz, −1 dBFS
Figure 10. IDRVDD vs fCLK
At VIN = 1 MHz, −1 dBFS
2.5
2
1
0
0
10
20
30405060
3.5
4.5
Sampling Frequency − MHz
5
70
80
90
100
4
3
1.5
0.5
106
−5
−6
−8
−10
−3
−1
Analog Input Frequency − Hz
0
−2
−4
−7
−9
107
108
109
Figure 11. ADC Output Power With Respect To −1 dBFS VIN
(Internal Reference, DW Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com