Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5580IPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580IPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLV5580IPWR Datasheet HTML 1Page - Texas Instruments TLV5580IPWR Datasheet HTML 2Page - Texas Instruments TLV5580IPWR Datasheet HTML 3Page - Texas Instruments TLV5580IPWR Datasheet HTML 4Page - Texas Instruments TLV5580IPWR Datasheet HTML 5Page - Texas Instruments TLV5580IPWR Datasheet HTML 6Page - Texas Instruments TLV5580IPWR Datasheet HTML 7Page - Texas Instruments TLV5580IPWR Datasheet HTML 8Page - Texas Instruments TLV5580IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
D 8-Bit Resolution 80 MSPS Sampling
Analog-to-Digital Converter (ADC)
D Low Power Consumption: 165 mW Typ
Using External references
D Wide Analog Input Bandwidth: 700 MHz Typ
D 3.3 V Single-Supply Operation
D 3.3 V TTL/CMOS-Compatible Digital I/O
D Internal Bottom and Top Reference Voltages
D Adjustable Reference Input Range
D Power Down (Standby) Mode
D Separate Power Down for Internal Voltage
References
D Three-State Outputs
D 28-Pin Small Outline IC (SOIC) and Thin
Shrink SOP (TSSOP) Packages
D Applications
− Digital Communications
− Flat Panel Displays
− High-Speed DSP Front-End
(TMS320C6000)
− Medical Imaging
− Graphics Processing (Scan Rate/Format
Conversion)
− DVD Read Channel Digitization
DESCRIPTION
The TLV5580 is an 8-bit 80 MSPS high-speed A/D
converter. It converts the analog input signal into
8-bit binary-coded digital words up to a sampling
rate of 80 MHz. All digital inputs and outputs are
3.3 V TTL /CMOS-compatible.
The device consumes very little power due to the
3.3 V supply and an innovative single-pipeline
architecture implemented in a CMOS process.
The user obtains maximum flexibility by setting
both bottom and top voltage references from
user-supplied voltages. If no external references
are available, on-chip references are available for
internal and external use. The full-scale range is
1 Vpp up to 1.6 Vpp, depending on the analog
supply
voltage.
If
external
references
are
available, the internal references can be disabled
independently from the rest of the chip, resulting
in an even greater power saving.
While usable in a wide variety of applications, the
device is specifically suited for the digitizing of
high-speed graphics and for interfacing to LCD
panels or LCD/DMD projection modules . Other
applications
include
DVD
read
channel
digitization,
medical
imaging
and
communications. This device is suitable for IF
sampling
of
communication
systems
using
sub-Nyquist sampling methods because of its
high analog input bandwidth.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DRVDD
D0
D1
D2
D3
D4
D5
D6
D7
DRVSS
DVSS
CLK
OE
DVDD
AVSS
AVDD
AIN
CML
PWDN_REF
AVSS
REFBO
REFBI
REFTI
REFTO
AVSS
BG
AVDD
STBY
DW OR PW PACKAGE
(TOP VIEW)
Copyright
 1999−2003, Texas Instruments Incorporated
www.ti.com


Similar Part No. - TLV5580IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580IPWR TI2-TLV5580IPWR Datasheet
462Kb / 35P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
REVISED OCTOBER 2003
More results

Similar Description - TLV5580IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580 TI-TLV5580 Datasheet
531Kb / 34P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com