Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV5580IPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5580IPWR Datasheet HTML 3Page - Texas Instruments TLV5580IPWR Datasheet HTML 4Page - Texas Instruments TLV5580IPWR Datasheet HTML 5Page - Texas Instruments TLV5580IPWR Datasheet HTML 6Page - Texas Instruments TLV5580IPWR Datasheet HTML 7Page - Texas Instruments TLV5580IPWR Datasheet HTML 8Page - Texas Instruments TLV5580IPWR Datasheet HTML 9Page - Texas Instruments TLV5580IPWR Datasheet HTML 10Page - Texas Instruments TLV5580IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
7
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING CONDITIONS WITH FCLK = 80
MSPS AND USE OF EXTERNAL VOLTAGE REFERENCES (unless otherwise noted)
DC ACCURACY
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Integral nonlinearity (INL), best-fit
Internal references (see Note 1)
TA = −40°C to 85°C
−2.4
±1
2.4
LSB
Integral nonlinearity (INL), best-fit
Internal references (see Note 1)
TA = −40°C to 85°C
−2.4
±1
2.4
LSB
Differential nonlinearity (DNL)
Internal references (see Note 2)
TA = −40°C to 85°C
−1
±0.6
1.3
LSB
Zero error
AVDD = DVDD = 3.3 V, DRVDD = 3 V
See Note 3
5
%FS
Full scale error
AVDD = DVDD = 3.3 V, DRVDD = 3 V
See Note 3
5
%FS
1. Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full scale. The point used as zero
occurs 1/2 LSB before the first code transition. The full−scale point is defined as a level 1/2 LSB beyond the last code transition. The deviation
is measured from the center of each particular code to the true straight line between these two endpoints.
2. An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Therefore this measure indicates
how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device under test (i.e., (last transition
level − first transition level)
÷ (2n − 2)). Using this definition for DNL separates the effects of gain and offset error. A minimum DNL better than −1
LSB ensures no missing codes.
3. Zero error is defined as the difference in analog input voltage − between the ideal voltage and the actual voltage − that will switch the ADC output
from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to 1/2 LSB to the bottom reference level. The
voltage corresponding to 1 LSB is found from the difference of top and bottom references divided by the number of ADC output levels (256).
Full-scale error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch the ADC
output from code 254 to code 255. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5 LSB from the top reference
level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references divided by the number of ADC output levels
(256).
ANALOG INPUT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
Input capacitance
4
pF
REFERENCE INPUT (AVDD = DVDD = DRVDD = 3.6 V)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rref
Reference input resistance
200
Ω
Iref
Reference input current
5
mA
REFERENCE OUTPUTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(REFTO)
Reference top offset voltage
Absolute min/max values valid
2.07
2 + [(AVDD − 3) ÷ 2]
2.21
V
V(REFBO)
Reference bottom offset voltage
Absolute min/max values valid
and tested for AVDD = 3.3 V
1.09
1 + [(AVDD − 3) ÷ 2]
1.21
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com