Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV5580IPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV5580IPWR Datasheet HTML 5Page - Texas Instruments TLV5580IPWR Datasheet HTML 6Page - Texas Instruments TLV5580IPWR Datasheet HTML 7Page - Texas Instruments TLV5580IPWR Datasheet HTML 8Page - Texas Instruments TLV5580IPWR Datasheet HTML 9Page - Texas Instruments TLV5580IPWR Datasheet HTML 10Page - Texas Instruments TLV5580IPWR Datasheet HTML 11Page - Texas Instruments TLV5580IPWR Datasheet HTML 12Page - Texas Instruments TLV5580IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
9
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING CONDITIONS WITH FCLK = 80
MSPS AND USE OF EXTERNAL VOLTAGE REFERENCES (unless otherwise noted) (continued)
TIMING REQUIREMENTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Maximum conversion rate
80
MHz
fclk
Minimum conversion rate
10
kHz
td(o)
Output delay time (see Figure 1)
CL = 10 pF,
See Notes 5 and 6
4.5
9
ns
th(o)
Output hold time
CL = 2 pF,
See Note 5
2
ns
td(pipe)
Pipeline delay (latency)
See Note 6
4.5
4.5
4.5
CLK
cycles
td(a)
Aperture delay time
3
ns
tj(a)
Aperture jitter
See Note 5
1.5
ps, rms
tdis
Disable time, OE rising to Hi-Z
See Note 5
5
8
ns
ten
Enable, OE falling to valid data
5
8
ns
5. Output timing td(o) is measured from the 1.5 V level of the CLK input falling edge to the 10%/90% level of the digital output. The digital output load
is not higher than 10 pF.
Output hold time th(o) is measured from the 1.5 V level of the CLK input falling edge to the 10%/90% level of the digital output. The digital output
is load is not less than 2 pF.
Aperture delay td(A) is measured from the 1.5 V level of the CLK input to the actual sampling instant.
The OE signal is asynchronous.
OE timing tdis is measured from the VIH(MIN) level of OE to the high-impedance state of the output data. The digital output load is not higher than
10 pF.
OE timing ten is measured from the VIL(MAX) level of OE to the instant when the output data reaches VOH(min) or VOL(max) output levels. The digital
output load is not higher than 10 pF.
6. The number of clock cycles between conversion initiation on an input sample and the corresponding output data being made available from the
ADC pipeline. Once the data pipeline is full, new valid output data is provided on every clock cycle. In order to know when data is stable on the
output pins, the output delay time td(o) (i.e., the delay time through the digital output buffers) needs to be added to the pipeline latency. Note that
since the max. td(o) is more than 1/2 clock period at 80 MHz; data cannot be reliably clocked in on a rising edge of CLK at this speed. The falling
edge should be used.
D0−D7
N−4
N−3
N−2
N−1
N
N+1
N
N+1
N+2
N+3
N+4
N+5
tj(A)
td(A)
VIL
(max)
1.5 V
tw(CLKH)
tw(CLKL)
1/fCLK
th(o)
1.5 V
td(o)
tdis
ten
CLK
OE
90%
10%
VIH(min)
td(pipe)
VOH(min)
VOL(max)
VIL(max)
VIH
(min)
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com